Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 279 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 279 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 275Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 276Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 277Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 278Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 279Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 280Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 281Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 282Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 283Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 279
PIC18(L)F2X/4XK22
16.3.1
AUTO-BAUD DETECT
The EUSART module supports automatic detection
and calibration of the baud rate.
In the Auto-Baud Detect (ABD) mode, the clock to the
BRG is reversed. Rather than the BRG clocking the
incoming RXx signal, the RXx signal is timing the BRG.
The Baud Rate Generator is used to time the period of
a received 55h (ASCII “U”) which is the Sync character
for the LIN bus. The unique feature of this character is
that it has five rising edges including the Stop bit edge.
Setting the ABDEN bit of the BAUDCONx register
starts
the
auto-baud
calibration
sequence
(Figure 16.3.2). While the ABD sequence takes place,
the EUSART state machine is held in Idle. On the first
rising edge of the receive line, after the Start bit, the
SPBRGx begins counting up using the BRG counter
clock as shown in Table 16-6. The fifth rising edge will
occur on the RXx/DTx pin at the end of the eighth bit
period. At that time, an accumulated value totaling the
proper BRG period is left in the SPBRGHx:SPBRGx
register pair, the ABDEN bit is automatically cleared,
and the RCxIF interrupt flag is set. A read operation on
the RCREGx needs to be performed to clear the RCxIF
interrupt. RCREGx content should be discarded. When
calibrating for modes that do not use the SPBRGHx
register the user can verify that the SPBRGx register
did not overflow by checking for 00h in the SPBRGHx
register.
The BRG auto-baud clock is determined by the BRG16
and BRGH bits as shown in Table 16-6. During ABD,
both the SPBRGHx and SPBRGx registers are used as
a 16-bit counter, independent of the BRG16 bit setting.
While calibrating the baud rate period, the SPBRGHx
and SPBRGx registers are clocked at 1/8th the BRG
base clock rate. The resulting byte measurement is the
average bit time when clocked at full speed.
FIGURE 16-6:
AUTOMATIC BAUD RATE CALIBRATION
Note 1: If the WUE bit is set with the ABDEN bit,
auto-baud detection will occur on the byte
following the Break character (see
Section 16.3.3
“Auto-Wake-up
on
Break”).
2: It is up to the user to determine that the
incoming character baud rate is within the
range of the selected BRG clock source.
Some combinations of oscillator frequency
and EUSART baud rates are not possible.
3: During the auto-baud process, the auto-
baud counter starts counting at 1. Upon
completion of the auto-baud sequence, to
achieve maximum accuracy, subtract 1
from the SPBRGHx:SPBRGx register pair.
TABLE 16-6:
BRG COUNTER CLOCK
RATES
BRG16
BRGH
BRG Base
Clock
BRG ABD
Clock
00
FOSC/64
FOSC/512
01
FOSC/16
FOSC/128
10
FOSC/16
FOSC/128
11
FOSC/4
FOSC/32
Note:
During the ABD sequence, SPBRGx and
SPBRGHx registers are both used as a
16-bit counter, independent of BRG16
setting.
BRG Value
RXx/DTx pin
ABDEN bit
RCxIF bit
bit 0
bit 1
(Interrupt)
Read
RCREGx
BRG Clock
Start
Auto Cleared
Set by User
XXXXh
0000h
Edge #1
bit 2
bit 3
Edge #2
bit 4
bit 5
Edge #3
bit 6
bit 7
Edge #4
Stop bit
Edge #5
001Ch
Note 1: The ABD sequence requires the EUSART module to be configured in Asynchronous mode.
SPBRGx
XXh
1Ch
SPBRGHx
XXh
00h
RCIDL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com