Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 286 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 286 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 282Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 283Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 284Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 285Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 286Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 287Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 288Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 289Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 290Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 286
Preliminary
 2010 Microchip Technology Inc.
16.4.1.6
Synchronous Master Reception
Data is received at the RXx/DTx pin. The RXx/DTx pin
output driver must be disabled by setting the
corresponding TRIS bits when the EUSART is
configured for synchronous master receive operation.
In Synchronous mode, reception is enabled by setting
either the Single Receive Enable bit (SREN of the
RCSTAx register) or the Continuous Receive Enable
bit (CREN of the RCSTAx register).
When SREN is set and CREN is clear, only as many
clock cycles are generated as there are data bits in a
single character. The SREN bit is automatically cleared
at the completion of one character. When CREN is set,
clocks are continuously generated until CREN is
cleared. If CREN is cleared in the middle of a character
the CK clock stops immediately and the partial charac-
ter is discarded. If SREN and CREN are both set, then
SREN is cleared at the completion of the first character
and CREN takes precedence.
To initiate reception, set either SREN or CREN. Data is
sampled at the RXx/DTx pin on the trailing edge of the
TXx/CKx clock pin and is shifted into the Receive Shift
Register (RSR). When a complete character is
received into the RSR, the RCxIF bit is set and the
character is automatically transferred to the two
character receive FIFO. The Least Significant eight bits
of the top character in the receive FIFO are available in
RCREGx. The RCxIF bit remains set as long as there
are un-read characters in the receive FIFO.
16.4.1.7
Slave Clock
Synchronous data transfers use a separate clock line,
which is synchronous with the data. A device configured
as a slave receives the clock on the TXx/CKx line. The
TXx/CKx pin output driver must be disabled by setting
the associated TRIS bit when the device is configured
for synchronous slave transmit or receive operation.
Serial data bits change on the leading edge to ensure
they are valid at the trailing edge of each clock. One data
bit is transferred for each clock cycle. Only as many
clock cycles should be received as there are data bits.
16.4.1.8
Receive Overrun Error
The receive FIFO buffer can hold two characters. An
overrun error will be generated if a third character, in its
entirety, is received before RCREGx is read to access
the FIFO. When this happens the OERR bit of the
RCSTAx register is set. Previous data in the FIFO will
not be overwritten. The two characters in the FIFO
buffer can be read, however, no additional characters
will be received until the error is cleared. The OERR bit
can only be cleared by clearing the overrun condition.
If the overrun error occurred when the SREN bit is set
and CREN is clear then the error is cleared by reading
RCREGx.
If the overrun occurred when the CREN bit is set then
the error condition is cleared by either clearing the
CREN bit of the RCSTAx register or by clearing the
SPEN bit which resets the EUSART.
16.4.1.9
Receiving 9-bit Characters
The EUSART supports 9-bit character reception. When
the RX9 bit of the RCSTAx register is set the EUSART
will shift 9-bits into the RSR for each character
received. The RX9D bit of the RCSTAx register is the
ninth, and Most Significant, data bit of the top unread
character in the receive FIFO. When reading 9-bit data
from the receive FIFO buffer, the RX9D data bit must
be read before reading the 8 Least Significant bits from
the RCREGx.
16.4.1.10
Synchronous Master Reception Set-
up:
1.
Initialize the SPBRGHx, SPBRGx register pair
for the appropriate baud rate. Set or clear the
BRGH and BRG16 bits, as required, to achieve
the desired baud rate.
2.
Set the RXx/DTx and TXx/CKx TRIS controls to
‘1’.
3.
Enable the synchronous master serial port by
setting bits SYNC, SPEN and CSRC. Disable
RXx/DTx and TXx/CKx output drivers by setting
the corresponding TRIS bits.
4.
Ensure bits CREN and SREN are clear.
5.
If using interrupts, set the GIE/GIEH and PEIE/
GIEL bits of the INTCON register and set
RCxIE.
6.
If 9-bit reception is desired, set bit RX9.
7.
Start reception by setting the SREN bit or for
continuous reception, set the CREN bit.
8.
Interrupt flag bit RCxIF will be set when recep-
tion of a character is complete. An interrupt will
be generated if the enable bit RCxIE was set.
9.
Read the RCSTAx register to get the ninth bit (if
enabled) and determine if any error occurred
during reception.
10. Read the 8-bit received data by reading the
RCREGx register.
11. If an overrun error occurs, clear the error by
either clearing the CREN bit of the RCSTAx
register or by clearing the SPEN bit which resets
the EUSART.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com