Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 290 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 290 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 286Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 287Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 288Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 289Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 290Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 291Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 292Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 293Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 294Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 290
Preliminary
 2010 Microchip Technology Inc.
16.4.2.3
EUSART Synchronous Slave
Reception
The operation of the Synchronous Master and Slave
modes is identical (Section 16.4.1.6 “Synchronous
Master Reception”), with the following exceptions:
• Sleep
• CREN bit is always set, therefore the receiver is
never Idle
• SREN bit, which is a “don't care” in Slave mode
A character may be received while in Sleep mode by
setting the CREN bit prior to entering Sleep. Once the
word is received, the RSR register will transfer the data
to the RCREGx register. If the RCxIE enable bit is set,
the interrupt generated will wake the device from Sleep
and execute the next instruction. If the GIE/GIEH bit is
also set, the program will branch to the interrupt vector.
16.4.2.4
Synchronous Slave Reception Set-
up:
1.
Set the SYNC and SPEN bits and clear the
CSRC bit.
2.
Set the RXx/DTx and TXx/CKx TRIS controls to
‘1’.
3.
If using interrupts, ensure that the GIE/GIEH
and PEIE/GIEL bits of the INTCON register are
set and set the RCxIE bit.
4.
If 9-bit reception is desired, set the RX9 bit.
5.
Set the CREN bit to enable reception.
6.
The RCxIF bit will be set when reception is
complete. An interrupt will be generated if the
RCxIE bit was set.
7.
If 9-bit mode is enabled, retrieve the Most
Significant bit from the RX9D bit of the RCSTAx
register.
8.
Retrieve the 8 Least Significant bits from the
receive FIFO by reading the RCREGx register.
9.
If an overrun error occurs, clear the error by
either clearing the CREN bit of the RCSTAx
register or by clearing the SPEN bit which resets
the EUSART.
TABLE 16-10: REGISTERS ASSOCIATED WITH SYNCHRONOUS SLAVE RECEPTION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
BAUDCON1
ABDOVF
RCIDL
DTRXP
CKTXP
BRG16
—
WUE
ABDEN
274
BAUDCON2
ABDOVF
RCIDL
DTRXP
CKTXP
BRG16
—
WUE
ABDEN
274
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
115
IPR1
—
ADIP
RC1IP
TX1IP
SSP1IP
CCP1IP
TMR2IP
TMR1IP
127
IPR3
SSP2IP
BCL2IP
RC2IP
TX2IP
CTMUIP
TMR5GIP TMR3GIP TMR1GIP
129
PIE1
—
ADIE
RC1IE
TX1IE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
123
PIE3
SSP2IE
BCL2IE
RC2IE
TX2IE
CTMUIE
TMR5GIE TMR3GIE TMR1GIE
125
PIR1
—
ADIF
RC1IF
TX1IF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
118
PIR3
SSP2IF
BCL2IF
RC2IF
TX2IF
CTMUIF
TMR5GIF TMR3GIF TMR1GIF
120
PMD0
UART2MD UART1MD TMR6MD TMR5MD TMR4MD
TMR3MD
TMR2MD
TMR1MD
56
RCREG1
EUSART1 Receive Register
—
RCSTA1
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
273
RCREG2
EUSART2 Receive Register
—
RCSTA2
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
273
SPBRG1
EUSART1 Baud Rate Generator, Low Byte
—
SPBRGH1
EUSART1 Baud Rate Generator, High Byte
—
SPBRG2
EUSART2 Baud Rate Generator, Low Byte
—
SPBRGH2
EUSART2 Baud Rate Generator, High Byte
—
TXSTA1
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
272
TXSTA2
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
272
Legend:
— = unimplemented locations, read as ‘0’. Shaded bits are not used for synchronous slave reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com