Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 339 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 339 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 335Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 336Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 337Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 338Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 339Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 340Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 341Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 342Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 343Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 339
PIC18(L)F2X/4XK22
22.0 DIGITAL-TO-ANALOG
CONVERTER (DAC) MODULE
The Digital-to-Analog Converter supplies a variable
voltage reference, ratiometric with the input source,
with 32 selectable output levels.
The input of the DAC can be connected to:
•External VREF pins
•VDD supply voltage
• FVR (Fixed Voltage Reference)
The output of the DAC can be configured to supply a
reference voltage to the following:
• Comparator positive input
• ADC input channel
•DACOUT pin
The Digital-to-Analog Converter (DAC) can be enabled
by setting the DACEN bit of the VREFCON1 register.
22.1
Output Voltage Selection
The DAC has 32 voltage level ranges. The 32 levels
are set with the DACR<4:0> bits of the VREFCON2
register.
The DAC output voltage is determined by the following
equations:
EQUATION 22-1:
DAC OUTPUT VOLTAGE
22.2
Ratiometric Output Level
The DAC output value is derived using a resistor ladder
with each end of the ladder tied to a positive and
negative voltage reference input source. If the voltage
of either input source fluctuates, a similar fluctuation will
result in the DAC output value.
The value of the individual resistors within the ladder
can
be
found
in
Section 27.0
“Electrical
Characteristics”.
22.3
Low-Power Voltage State
In order for the DAC module to consume the least
amount of power, one of the two voltage reference input
sources to the resistor ladder must be disconnected.
Either the positive voltage source, (VSRC+), or the
negative voltage source, (VSRC-) can be disabled.
The negative voltage source is disabled by setting the
DACLPS bit in the VREFCON1 register. Clearing the
DACLPS bit in the VREFCON1 register disables the
positive voltage source.
22.4
Output Clamped to Positive
Voltage Source
The DAC output voltage can be set to VSRC+ with the
least amount of power consumption by performing the
following:
• Clearing the DACEN bit in the VREFCON1
register.
• Setting the DACLPS bit in the VREFCON1
register.
• Configuring the DACPSS bits to the proper
positive source.
• Configuring the DACRx bits to ‘11111’ in the
VREFCON2 register.
This is also the method used to output the voltage level
from the FVR to an output pin. See Section 22.6 “DAC
Voltage Reference Output” for more information.
22.5
Output Clamped to Negative
Voltage Source
The DAC output voltage can be set to VSRC- with the
least amount of power consumption by performing the
following:
• Clearing the DACEN bit in the VREFCON1
register.
• Clearing the DACLPS bit in the VREFCON1
register.
• Configuring the DACPSS bits to the proper
negative source.
• Configuring the DACRx bits to ‘00000’ in the
VREFCON2 register.
This allows the comparator to detect a zero-crossing
while not consuming additional current through the DAC
module.
22.6
DAC Voltage Reference Output
The DAC can be output to the DACOUT pin by setting
the DACOE bit of the VREFCON1 register to ‘1’.
Selecting the DAC reference voltage for output on the
DACOUT pin automatically overrides the digital output
buffer and digital input threshold detector functions of
that pin. Reading the DACOUT pin when it has been
configured for DAC reference voltage output will always
return a ‘0’.
Due to the limited current drive capability, a buffer must
be used on the DAC voltage reference output for
external connections to DACOUT. Figure 22-2 shows
an example buffering technique.
VOUT
VSRC+VSRC-
–
 DACR<4:0>
25
-------------------------------


=
+ VSRC-
VSRC+ = VDD, VREF+ or FVR1
VSRC- = VSS or VREF-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com