Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 341 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 341 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 337Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 338Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 339Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 340Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 341Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 342Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 343Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 344Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 345Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 341
PIC18(L)F2X/4XK22
22.7
Operation During Sleep
When the device wakes up from Sleep through an
interrupt or a Watchdog Timer time-out, the contents of
the VREFCON1 register are not affected. To minimize
current consumption in Sleep mode, the voltage
reference should be disabled.
22.8
Effects of a Reset
A device Reset affects the following:
• DAC is disabled
• DAC output voltage is removed from the
DACOUT pin
•The DAC1R<4:0> range select bits are cleared
REGISTER 22-1:
VREFCON1: VOLTAGE REFERENCE CONTROL REGISTER 0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
U-0
R/W-0
DACEN
DACLPS
DACOE
—
DACPSS<1:0>
—
DACNSS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
DACEN: DAC Enable bit
1 = DAC is enabled
0 = DAC is disabled
bit 6
DACLPS: DAC Low-Power Voltage Source Select bit
1 = DAC Positive reference source selected
0 = DAC Negative reference source selected
bit 5
DACOE: DAC Voltage Output Enable bit
1 = DAC voltage level is also an output on the DACOUT pin
0 = DAC voltage level is disconnected from the DACOUT pin
bit 4
Unimplemented: Read as ‘0’
bit 3-2
DACPSS<1:0>: DAC Positive Source Select bits
00 =VDD
01 =VREF+
10 = FVR BUF1 output
11 = Reserved, do not use
bit 1
Unimplemented: Read as ‘0’
bit 0
DACNSS: DAC Negative Source Select bits
1 =VREF-
0 =VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com