Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 422 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 422 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 418Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 419Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 420Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 421Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 422Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 423Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 424Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 425Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 426Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 422
Preliminary
 2010 Microchip Technology Inc.
FIGURE 27-1:
PIC18(L)F46K22 FAMILY VOLTAGE-FREQUENCY GRAPH (INDUSTRIAL
TEMPERATURE)
FIGURE 27-2:
PIC18(L)F46K22 FAMILY VOLTAGE-FREQUENCY GRAPH (EXTENDED
TEMPERATURE)
Frequency (MHz)
3.5V
1.8V
64
3.0V
2.7V
2.2V
10
20
60
30
40
50
32
Note 1: Maximum Frequency 20 MHz, 1.8V to 3.0V, -40°C to +85°C (PIC18(L)F2X/4XK22).
2: Maximum Frequency 64 MHz, 3.0V to 3.6V, -40°C to +85°C (PIC18LF2X/4XK22).
3: Maximum Frequency 64 MHz, 3.0V to 5.5V, -40°C to +85°C (PIC18F2X/4XK22).
5.5V
3.6V
Frequency (MHz)
3.5V
1.8V
3.0V
2.7V
2.2V
10
20
30
40
32
Note 1: Maximum Frequency 16 MHz, 1.8V to 2.7V, -40°C to +125°C (PIC18(L)F2X/4XK22).
2: Maximum Frequency 48 MHz, 2.7V to 3.6V, -40°C to +125°C (PIC18LF2X/4XK22).
3: Maximum Frequency 48 MHz, 2.7V to 5.5V, -40°C to +125°C (PIC18F2X/4XK22).
5.5V
3.6V
16
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com