Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 426 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 426 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 422Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 423Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 424Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 425Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 426Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 427Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 428Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 429Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 430Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 426
Preliminary
 2010 Microchip Technology Inc.
D017
DAC
12
20
20
A
1.8V
20
30
30
A
3.0V
12
20
20
A
1.8V
20
30
30
A
3.0V
33
50
50
A
5.0V
D018
FVR
15
25
25
A
1.8V
15
25
25
A
3.0V
30
45
45
A
1.8V
35
55
55
A
3.0V
70
100
100
A
5.0V
27.2
DC Characteristics: Power-Down Current, PIC18(L)F2X/4XK22 (Continued)
PIC18LF2X/4XK22
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C
PIC18F2X/4XK22
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C
Param
No.
Device Characteristics
Typ
+25°C
Typ
+60°C
Max
+85°C
Max
+125°C
Units
Conditions
VDD
Notes
Note 1:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is
measured with the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD or VSS
and all features that add delta current disabled (such as WDT, Timer1 Oscillator, BOR, etc.).
2:
BOR, HLVD and FVR enable internal band gap reference. With both modules enabled, current consump-
tion will be less than the sum of both specifications.
3:
A/D converter differential currents apply only in Run mode. In Sleep or Idle mode both the ADC and the
FRC turn off as soon as conversion (if any) is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com