Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 109 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 109 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 105Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 106Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 107Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 108Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 109Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 110Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 111Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 112Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 109
PIC18(L)F2X/4XK22
TABLE 7-1:
REGISTERS ASSOCIATED WITH DATA EEPROM MEMORY
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
115
EEADR
EEADR7
EEADR6
EEADR5 EEADR4 EEADR3 EEADR2 EEADR1 EEADR0
—
EEADRH(1)
—
—
—
—
—
—
EEADR9 EEADR8
—
EEDATA
EEPROM Data Register
—
EECON2
EEPROM Control Register 2 (not a physical register)
—
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
106
IPR2
OSCFIP
C1IP
C2IP
EEIP
BCL1IP
HLVDIP
TMR3IP
CCP2IP
128
PIR2
OSCFIF
C1IF
C2IF
EEIF
BCL1IF
HLVDIF
TMR3IF
CCP2IF
119
PIE2
OSCFIE
C1IE
C2IE
EEIE
BCL1IE
HLVDIE
TMR3IE
CCP2IE
124
Legend: — = unimplemented, read as ‘0’. Shaded bits are not used during EEPROM access.
Note 1:
PIC18(L)F26K22 and PIC18(L)F46K22 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com