Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 113 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 113 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 109Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 110Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 111Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 112Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 113Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 114Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 115Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 116Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 113
PIC18(L)F2X/4XK22
9.0
INTERRUPTS
The PIC18(L)F2X/4XK22 devices have multiple
interrupt sources and an interrupt priority feature that
allows most interrupt sources to be assigned a high or
low priority level (INT0 does not have a priority bit, it is
always a high priority). The high priority interrupt vector
is at 0008h and the low priority interrupt vector is at
0018h. A high priority interrupt event will interrupt a low
priority interrupt that may be in progress.
There are 19 registers used to control interrupt
operation.
These registers are:
• INTCON, INTCON2, INTCON3
• PIR1, PIR2, PIR3, PIR4, PIR5
• PIE1, PIE2, PIE3, PIE4, PIE5
• IPR1, IPR2, IPR3, IPR4, IPR5
• RCON
It is recommended that the Microchip header files sup-
plied with MPLAB® IDE be used for the symbolic bit
names in these registers. This allows the assembler/
compiler to automatically take care of the placement of
these bits within the specified register.
In general, interrupt sources have three bits to control
their operation. They are:
• Flag bit to indicate that an interrupt event
occurred
• Enable bit that allows program execution to
branch to the interrupt vector address when the
flag bit is set
• Priority bit to select high priority or low priority
9.1
Mid-Range Compatibility
When the IPEN bit is cleared (default state), the interrupt
priority feature is disabled and interrupts are compatible
with PIC® microcontroller mid-range devices. In
Compatibility mode, the interrupt priority bits of the IPRx
registers have no effect. The PEIE/GIEL bit of the
INTCON register is the global interrupt enable for the
peripherals. The PEIE/GIEL bit disables only the
peripheral interrupt sources and enables the peripheral
interrupt sources when the GIE/GIEH bit is also set. The
GIE/GIEH bit of the INTCON register is the global
interrupt enable which enables all non-peripheral
interrupt sources and disables all interrupt sources,
including the peripherals. All interrupts branch to
address 0008h in Compatibility mode.
9.2
Interrupt Priority
The interrupt priority feature is enabled by setting the
IPEN bit of the RCON register. When interrupt priority
is enabled the GIE/GIEH and PEIE/GIEL global inter-
rupt enable bits of Compatibility mode are replaced by
the GIEH high priority, and GIEL low priority, global
interrupt enables. When set, the GIEH bit of the
INTCON register enables all interrupts that have their
associated IPRx register or INTCONx register priority
bit set (high priority). When clear, the GIEH bit disables
all interrupt sources including those selected as low pri-
ority. When clear, the GIEL bit of the INTCON register
disables only the interrupts that have their associated
priority bit cleared (low priority). When set, the GIEL bit
enables the low priority sources when the GIEH bit is
also set.
When the interrupt flag, enable bit and appropriate
Global Interrupt Enable (GIE) bit are all set, the
interrupt will vector immediately to address 0008h for
high priority, or 0018h for low priority, depending on
level of the interrupting source’s priority bit. Individual
interrupts can be disabled through their corresponding
interrupt enable bits.
9.3
Interrupt Response
When an interrupt is responded to, the Global Interrupt
Enable bit is cleared to disable further interrupts. The
GIE/GIEH bit is the global interrupt enable when the
IPEN bit is cleared. When the IPEN bit is set, enabling
interrupt priority levels, the GIEH bit is the high priority
global interrupt enable and the GIEL bit is the low
priority global interrupt enable. High priority interrupt
sources can interrupt a low priority interrupt. Low
priority interrupts are not processed while high priority
interrupts are in progress.
The return address is pushed onto the stack and the
PC is loaded with the interrupt vector address (0008h
or 0018h). Once in the Interrupt Service Routine, the
source(s) of the interrupt can be determined by polling
the interrupt flag bits in the INTCONx and PIRx
registers. The interrupt flag bits must be cleared by
software before re-enabling interrupts to avoid
repeating the same interrupt.
The “return from interrupt” instruction, RETFIE, exits
the interrupt routine and sets the GIE/GIEH bit (GIEH
or GIEL if priority levels are used), which re-enables
interrupts.
For external interrupt events, such as the INT pins or
the PORTB interrupt-on-change, the interrupt latency
will be three to four instruction cycles. The exact
latency is the same for one-cycle or two-cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com