Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 181 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 181 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 177Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 178Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 179Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 180Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 181Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 182Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 183Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 184Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 181
PIC18(L)F2X/4XK22
14.2
Compare Mode
The Compare mode function described in this section
is identical for all CCP and ECCP modules available on
this device family.
Compare mode makes use of the 16-bit TimerX
resources, Timer1, Timer3 and Timer5. The 16-bit
value of the CCPRxH:CCPRxL register pair is
constantly compared against the 16-bit value of the
TMRxH:TMRxL register pair. When a match occurs,
one of the following events can occur:
• Toggle the CCPx output
• Set the CCPx output
• Clear the CCPx output
• Generate a Special Event Trigger
• Generate a Software Interrupt
The action on the pin is based on the value of the
CCPxM<3:0> control bits of the CCPxCON register. At
the same time, the interrupt flag CCPxIF bit is set.
All Compare modes can generate an interrupt.
Figure 14-2 shows a simplified diagram of the
Compare operation.
FIGURE 14-2:
COMPARE MODE
OPERATION BLOCK
DIAGRAM
14.2.1
CCP PIN CONFIGURATION
The user must configure the CCPx pin as an output by
clearing the associated TRIS bit.
Some CCPx outputs are multiplexed on a couple of
pins.
Table 14-2
shows
the
CCP
output
pin
Multiplexing. Selection of the output pin is determined
by the CCPxMX bits in Configuration register 3H
(CONFIG3H). Refer to Register 24-4 for more details.
14.2.2
TimerX MODE RESOURCE
In Compare mode, 16-bit TimerX resource must be
running in either Timer mode or Synchronized Counter
mode. The compare operation may not work in
Asynchronous Counter mode.
See Section 12.0 “Timer1/3/5 Module with Gate
Control” for more information on configuring the 16-bit
TimerX resources.
14.2.3
SOFTWARE INTERRUPT MODE
When Generate Software Interrupt mode is chosen
(CCPxM<3:0> = 1010), the CCPx module does not
assert control of the CCPx pin (see the CCPxCON
register).
CCPRxH CCPRxL
TMRxH
TMRxL
Comparator
QS
R
Output
Logic
Special Event Trigger
Set CCPxIF Interrupt Flag
(PIR1/2/4)
Match
TRIS
CCPxM<3:0>
Mode Select
Output Enable
Pin
Special Event Trigger function on
• ECCP1, ECCP2, ECCP3, CCP4 and CCP5 will:
- Reset TimerX – TMRxH:TMRxL = 0x0000
- TimerX Interrupt Flag, (TMRxIF) is not set
Additional Function on
• CCP5 will
-
Set ADCON0<1>, GO/DONE bit to start an ADC
Conversion if ADCON<0>, ADON = 1.
CCPx
4
Note:
Clearing the CCPxCON register will force
the CCPx compare output latch to the
default low level. This is not the PORT I/O
data latch.
Note:
Clocking TimerX from the system clock
(FOSC) should not be used in Compare
mode. In order for Compare mode to
recognize the trigger event on the CCPx
pin, TImerX must be clocked from the
instruction clock (FOSC/4) or from an
external clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com