Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 183 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 183 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 179Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 180Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 181Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 182Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 183Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 184Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 185Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 186Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 183
PIC18(L)F2X/4XK22
IPR1
—
ADIP
RC1IP
TX1IP
SSP1IP
CCP1IP
TMR2IP
TMR1IP
127
IPR2
OSCFIP
C1IP
C2IP
EEIP
BCL1IP
HLVDIP
TMR3IP
CCP2IP
128
IPR4
—
—
—
—
—
CCP5IP
CCP4IP
CCP3IP
130
PIE1
—
ADIE
RC1IE
TX1IE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
123
PIE2
OSCFIE
C1IE
C2IE
EEIE
BCL1IE
HLVDIE
TMR3IE
CCP2IE
124
PIE4
—
—
—
—
—
CCP5IE
CCP4IE
CCP3IE
126
PIR1
—
ADIF
RC1IF
TX1IF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
118
PIR2
OSCFIF
C1IF
C2IF
EEIF
BCL1IF
HLVDIF
TMR3IF
CCP2IF
119
PIR4
—
—
—
—
—
CCP5IF
CCP4IF
CCP3IF
121
PMD0
UART2MD
UART1MD
TMR6MD
TMR5MD
TMR4MD
TMR3MD
TMR2MD
TMR1MD
56
PMD1
MSSP2MD
MSSP1MD
—
CCP5MD
CCP4MD
CCP3MD
CCP2MD
CCP1MD
57
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
T1SOSCEN
T1SYNC
T1RD16
TMR1ON
170
T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/DONE
T1GVAL
T1GSS
171
T3CON
TMR3CS<1:0>
T3CKPS<1:0>
T3SOSCEN
T3SYNC
T3RD16
TMR3ON
170
T3GCON
TMR3GE
T3GPOL
T3GTM
T3GSPM
T3GGO/DONE
T3GVAL
T3GSS
171
T5CON
TMR5CS<1:0>
T5CKPS<1:0>
T5SOSCEN
T5SYNC
T5RD16
TMR5ON
170
T5GCON
TMR5GE
T5GPOL
T5GTM
T5GSPM
T5GGO/DONE
T5GVAL
T5GSS
171
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
—
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
—
TMR3H
Holding Register for the Most Significant Byte of the 16-bit TMR3 Register
—
TMR3L
Holding Register for the Least Significant Byte of the 16-bit TMR3 Register
—
TMR5H
Holding Register for the Most Significant Byte of the 16-bit TMR5 Register
—
TMR5L
Holding Register for the Least Significant Byte of the 16-bit TMR5 Register
—
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
154
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
154
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
154
TRISD(1)
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
154
TRISE
WPUE3
—
—
—
—
TRISE2(1)
TRISE1(1)
TRISE0(1)
154
TABLE 14-5:
REGISTERS ASSOCIATED WITH COMPARE (CONTINUED)
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
Legend: — = Unimplemented location, read as ‘0’. Shaded bits are not used by Capture mode.
Note
1:
These registers/bits are available on PIC18(L)F4XK22 devices.
TABLE 14-6:
CONFIGURATION REGISTERS ASSOCIATED WITH CAPTURE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CONFIG3H
MCLRE
—
P2BMX
T3CMX
HFOFST
CCP3MX
PBADEN
CCP2MX
354
Legend: — = Unimplemented location, read as ‘0’. Shaded bits are not used by Capture mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com