Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 187 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 187 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 183Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 184Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 185Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 186Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 187Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 188Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 189Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 190Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 187
PIC18(L)F2X/4XK22
TABLE 14-11: CONFIGURATION REGISTERS ASSOCIATED WITH CAPTURE
TABLE 14-10: REGISTERS ASSOCIATED WITH STANDARD PWM
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CCP1CON
P1M<1:0>
DC1B<1:0>
CCP1M<3:0>
201
CCP2CON
P2M<1:0>
DC2B<1:0>
CCP2M<3:0>
201
CCP3CON
P3M<1:0>
DC3B<1:0>
CCP3M<3:0>
201
CCP4CON
—
—
DC4B<1:0>
CCP4M<3:0>
201
CCP5CON
—
—
DC5B<1:0>
CCP5M<3:0>
201
CCPTMRS0
C3TSEL<1:0>
—
C2TSEL<1:0>
—
C1TSEL<1:0>
204
CCPTMRS1
—
—
—
—
C5TSEL<1:0>
C4TSEL<1:0>
204
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
115
IPR1
—
ADIP
RC1IP
TX1IP
SSP1IP
CCP1IP
TMR2IP
TMR1IP
127
IPR2
OSCFIP
C1IP
C2IP
EEIP
BCL1IP
HLVDIP
TMR3IP
CCP2IP
128
IPR4
—
—
—
—
—CCP5IP
CCP4IP
CCP3IP
129
PIE1
—
ADIE
RC1IE
TX1IE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
123
PIE2
OSCFIE
C1IE
C2IE
EEIE
BCL1IE
HLVDIE
TMR3IE
CCP2IE
124
PIE4
—
—
—
—
—
CCP5IE
CCP4IE
CCP3IE
126
PIR1
—
ADIF
RC1IF
TX1IF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
118
PIR2
OSCFIF
C1IF
C2IF
EEIF
BCL1IF
HLVDIF
TMR3IF
CCP2IF
119
PIR4
—
—
—
—
—
CCP5IF
CCP4IF
CCP3IF
121
PMD0
UART2MD
UART1MD
TMR6MD
TMR5MD
TMR4MD
TMR3MD
TMR2MD
TMR1MD
56
PMD1
MSSP2MD
MSSP1MD
—
CCP5MD
CCP4MD
CCP3MD
CCP2MD
CCP1MD
57
PR2
Timer2 Period Register
—
PR4
Timer4 Period Register
—
PR6
Timer6 Period Register
—
T2CON
—T2OUTPS<3:0>
TMR2ON
T2CKPS<1:0>
170
T4CON
—T4OUTPS<3:0>
TMR4ON
T4CKPS<1:0>
170
T6CON
—T6OUTPS<3:0>
TMR6ON
T6CKPS<1:0>
170
TMR2
Timer2 Period Register
—
TMR4
Timer4 Period Register
—
TMR6
Timer6 Period Register
—
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
154
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
154
TRISD(1)
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
154
TRISE
WPUE3
—
—
—
—TRISE2(1)
TRISE1(1)
TRISE0(1)
154
Legend: — = Unimplemented location, read as ‘0’. Shaded bits are not used by Capture mode.
Note
1:
These registers/bits are available on PIC18(L)F4XK22 devices.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CONFIG3H
MCLRE
—
P2BMX
T3CMX
HFOFST
CCP3MX
PBADEN
CCP2MX
354
Legend: — = Unimplemented location, read as ‘0’. Shaded bits are not used by Capture mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com