Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-I/SP Datasheet(PDF) 174 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 174 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 170Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 171Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 172Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 173Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 174Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 175Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 176Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 177Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 174
Preliminary
 2010 Microchip Technology Inc.
13.1
Timer2/4/6 Operation
The clock input to the Timer2/4/6 module is the system
instruction clock (FOSC/4).
TMRx increments from 00h on each clock edge.
A 4-bit counter/prescaler on the clock input allows direct
input, divide-by-4 and divide-by-16 prescale options.
These options are selected by the prescaler control bits,
TxCKPS<1:0> of the TxCON register. The value of
TMRx is compared to that of the Period register, PRx, on
each clock cycle. When the two values match, the
comparator generates a match signal as the timer
output. This signal also resets the value of TMRx to 00h
on
the
next
cycle
and
drives
the
output
counter/postscaler (see Section 13.2 “Timer2/4/6
Interrupt”).
The TMRx and PRx registers are both directly readable
and writable. The TMRx register is cleared on any
device Reset, whereas the PRx register initializes to
FFh. Both the prescaler and postscaler counters are
cleared on the following events:
• a write to the TMRx register
• a write to the TxCON register
• Power-on Reset (POR)
• Brown-out Reset (BOR)
•MCLR Reset
• Watchdog Timer (WDT) Reset
• Stack Overflow Reset
• Stack Underflow Reset
• RESET Instruction
13.2
Timer2/4/6 Interrupt
Timer2/4/6 can also generate an optional device
interrupt. The Timer2/4/6 output signal (TMRx-to-PRx
match)
provides
the
input
for
the
4-bit
counter/postscaler. This counter generates the TMRx
match interrupt flag which is latched in TMRxIF of the
PIR1/PIR5 registers. The interrupt is enabled by setting
the TMRx Match Interrupt Enable bit, TMRxIE of the
PIE1/PIE5 registers. Interrupt Priority is selected with
the TMRxIP bit in the IPR1/IPR5 registers.
A range of 16 postscale options (from 1:1 through 1:16
inclusive) can be selected with the postscaler control
bits, TxOUTPS<3:0>, of the TxCON register.
13.3
Timer2/4/6 Output
The unscaled output of TMRx is available primarily to
the CCP modules, where it is used as a time base for
operations in PWM mode. The timer to be used with a
specific
CCP
module
is
selected
using
the
CxTSEL<1:0> bits in the CCPTMRS0 and CCPTMRS1
registers.
Timer2 can be optionally used as the shift clock source
for the MSSPx modules operating in SPI mode by
setting SSPM<3:0> = 0011 in the SSPxCON1 register.
Additional information is provided in Section 15.0
“Master Synchronous Serial Port (MSSP1 and
MSSP2) Module”.
13.4
Timer2/4/6 Operation During Sleep
The Timer2/4/6 timers cannot be operated while the
processor is in Sleep mode. The contents of the TMRx
and PRx registers will remain unchanged while the
processor is in Sleep mode.
13.5
Peripheral Module Disable
When a peripheral module is not used or inactive, the
module can be disabled by setting the Module Disable
bit in the PMD registers. This will reduce power con-
sumption to an absolute minimum. Setting the PMD
bits holds the module in Reset and disconnects the
module’s clock source. The Module Disable bits for
Timer2 (TMR2MD), Timer4 (TMR4MD) and Timer6
(TMR6MD) are in the PMD0 Register. See Section 3.0
“Power-Managed Modes” for more information.
Note:
TMRx is not cleared when TxCON is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com