Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-I/SP Datasheet(PDF) 178 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 178 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 174Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 175Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 176Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 177Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 178Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 179Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 180Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 181Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 178
Preliminary
 2010 Microchip Technology Inc.
14.1
Capture Mode
The Capture mode function described in this section is
identical for all CCP and ECCP modules available on
this device family.
Capture mode makes use of the 16-bit Timer
resources, Timer1, Timer3 and Timer5. The timer
resources for each CCP capture function are
independent and are selected using the CCPTMRS0
and CCPTMRS1 registers. When an event occurs on
the CCPx pin, the 16-bit CCPRxH:CCPRxL register
pair captures and stores the 16-bit value of the
TMRxH:TMRxL register pair, respectively. An event is
defined as one of the following and is configured by the
CCPxM<3:0> bits of the CCPxCON register:
• Every falling edge
• Every rising edge
• Every 4th rising edge
• Every 16th rising edge
When a capture is made, the corresponding Interrupt
Request Flag bit CCPxIF of the PIR1, PIR2 or PIR4
register is set. The interrupt flag must be cleared in
software. If another capture occurs before the value in
the CCPRxH:CCPRxL register pair is read, the old
captured value is overwritten by the new captured
value.
Figure 14-1 shows a simplified diagram of the Capture
operation.
FIGURE 14-1:
CAPTURE MODE
OPERATION BLOCK
DIAGRAM
14.1.1
CCP PIN CONFIGURATION
In Capture mode, the CCPx pin should be configured
as an input by setting the associated TRIS control bit.
Some CCPx outputs are multiplexed on a couple of
pins.
Table 14-2
shows
the
CCP
output
pin
multiplexing. Selection of the output pin is determined
by the CCPxMX bits in Configuration register 3H
(CONFIG3H). Refer to Register 24-4 for more details.
14.1.2
TIMER1 MODE RESOURCE
The 16-bit Timer resource must be running in Timer
mode or Synchronized Counter mode for the CCP
module to use the capture feature. In Asynchronous
Counter mode, the capture operation may not work.
See Section 12.0 “Timer1/3/5 Module with Gate
Control” for more information on configuring the 16-bit
Timers.
14.1.3
SOFTWARE INTERRUPT MODE
When the Capture mode is changed, a false capture
interrupt may be generated. The user should keep the
CCPxIE interrupt enable bit of the PIE1, PIE2 or PIE4
register clear to avoid false interrupts. Additionally, the
user should clear the CCPxIF interrupt flag bit of the
PIR1, PIR2 or PIR4 register following any change in
Operating mode.
Note:
If the CCPx pin is configured as an output,
a write to the port can cause a capture
condition.
CCPRxH
CCPRxL
TMR1/3/5H TMR1/3/5L
Set Flag bit CCPxIF
(PIR1/2/4 register)
Capture
Enable
CCPxM<3:0>
Prescaler
 1, 4, 16
and
Edge Detect
pin
CCPx
System Clock (FOSC)
TABLE 14-2:
CCP PIN MULTIPLEXING
CCP OUTPUT
CONFIG 3H Control Bit
Bit Value
PIC18(L)F2XK22 I/O pin
PIC18(L)F4XK22 I/O pin
CCP2
CCP2MX
0
RB3
RB3
1(*)
RC1
RC1
CCP3
CCP3MX
0(*)
RC6
RE0
1
RB5
RB5
Legend: * = Default
Note:
Clocking the 16-bit Timer resource from
the system clock (FOSC) should not be
used in Capture mode. In order for
Capture mode to recognize the trigger
event on the CCPx pin, the Timer resource
must be clocked from the instruction clock
(FOSC/4) or from an external clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com