Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WB0MA/RM Datasheet(PDF) 23 Page - Microchip Technology

Part # MRF24WB0MA/RM
Description  2.4 GHz, IEEE Std. 802.11b??RF Transceiver Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WB0MA/RM Datasheet(HTML) 23 Page - Microchip Technology

Back Button MRF24WB0MA/RM Datasheet HTML 19Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 20Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 21Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 22Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 23Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 24Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 25Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 26Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS70632A-page 23
MRF24WB0MA/MRF24WB0MB
From “Section 7.1.6, RSS-Gen”, Issue 2, June 2007,
Digital Circuits:
“If the device contains digital circuitry that is not
directly associated with the radio transmitter, the
device shall also have to comply with ICES-003,
Class A or B as appropriate, except for ICES-003
labeling requirements. The test data obtained (for
the ICES-003 tests) shall be kept by the manufac-
turer or importer whose name appears on the
equipment label, and made available to Industry
Canada on request, for as long as the model is
being marketed in Canada.”
3.2.1
HELPFUL WEB SITES:
Industry Canada:
http://www.ic.gc.ca/
3.3
Europe
The MRF24WB0MA/MRF24WB0MB module has been
certified for use in European countries. The following
testing has been completed:
Test standard ETSI EN 300 328 V1.7.1 (2006-10):
• Maximum Transmit Power
• Maximum EIRP Spectral Density
• Frequency Range
• Radiated Emissions
Test standards ETSI EN 301 489-1:2008 and ETSI EN
301 489-17:2008:
• Radiated Emissions
• Electro-Static Discharge
• Radiated RF Susceptibility
The modules are fully compliant with
• Radiated Emissions EN 55022
• Electrostatic Discharge EN 61000-4-2
• Radiated Immunity EN 61000-4-3
• EN 60950-1
•CE-Mark
•RoHS
ETSI does not provide a modular approval similar to
the USA (FCC) and Canada (IC). However, the testing
completed above can be used as part of the customer’s
application for certification. The test report data can be
included in their test plan and can significantly the
lower customer’s certification burden.
A helpful document that can be used as a starting point
in understanding the use of Short Range Devices
(SRD) in Europe is the European Radio Communica-
tions Committee (ERC) Recommendation “70-03 E”,
downloadable
from
the
European
Radio
Communications Office (ERO): http://www.ero.dk
The end user is responsible for ensuring compliance
with harmonized frequencies and labeling require-
ments for each country in which the end device is
marketed and sold.
3.3.1
HELPFUL WEB SITES:
Radio and Telecommunications Terminal Equipment
(R&TTE):
http://ec.europa.eu/enterprise/rtte/index_en.htm
European
Conference
of
Postal
and
Telecommunications Administrations (CEPT):
http://www.cept.org/
European Telecommunications Standards Institute
(ETSI):
http://www.etsi.org/
European Radio Communications Office (ERO):
http://www.ero.dk/
3.4
Wi-Fi® Alliance
Wi-Fi Alliance Certification focuses on interoperability
testing of devices based on 802.11 standards.
Historically, when the certification process and pro-
grams were developed by Wi-Fi Alliance members, the
vast majority of the 802.11 clients were PC-centric, and
certification testing adequately addressed those types
of devices. In subsequent years, the number of Wi-Fi
devices that are not PC-centric has grown significantly.
These non-standard devices, as a class of products,
have been dubbed Application Specific Devices
(ASDs) by the Wi-Fi Alliance. ASDs are 802.11
devices, e.g., clients or access points (APs), which
cannot be tested under a standard Alliance test plan
because they do not comply with the standard test con-
figuration and/or because they are designed to perform
a specific application. Examples include, but are not
limited to: bar code scanners, pagers, recording
devices, monitoring equipment, and cable modems.
The APs or clients that are used to validate ASD com-
pliance (from the standard test bed) will meet all of the
requirements specified in the applicable System
Interoperability Test Plans (referred to as the “standard
test plan”), unless specifically exempted. The
MRF24WB0MA and MRF24WB0MB modules are in
the ASD category.
The modules are certified under Wi-Fi 802.11 with
WPA2, WPA, and WEP System Interoperability ASD
Model Test Plan with Test Engine For IEEE 802.11a, b,
and g Devices (Version 1.0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com