Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WB0MA/RM Datasheet(PDF) 24 Page - Microchip Technology

Part # MRF24WB0MA/RM
Description  2.4 GHz, IEEE Std. 802.11b??RF Transceiver Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WB0MA/RM Datasheet(HTML) 24 Page - Microchip Technology

Back Button MRF24WB0MA/RM Datasheet HTML 20Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 21Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 22Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 23Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 24Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 25Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 26Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 27Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
MRF24WB0MA/MRF24WB0MB
DS70632A-page 24
Preliminary
 2010 Microchip Technology Inc.
Per the Wi-Fi Alliance approved ASD test plan, the def-
inition
of
the
Microchip
MRF24WB0MA
and
MRF24WB0MB modular solutions is expressed in the
following statements:
“Member Wireless solution is a single-chip
802.11b module including MAC, baseband, RF
and power amplifier personal STA. It utilizes a
simple to use API for embedded markets, and an
OS is not a requirement for operation. It supports
1 and 2 Mbps (TX and RX). It also supports WEP,
WPA Personal, and WPA2 Personal security.
Ciphers supported are AES and TKIP. The Mem-
ber Wireless solution interfaces with the HOST
through SPI Bus. Some applications for the Mem-
ber Wireless solution are as following:
• Sensors/Controls such as Industrial & Factory
sensors, HVAC, & Lighting
• Consumer Electronic such as remote controls,
toys, and internet radio
This certification ensures that the MRF24WB0MA
and MRF24WB0MB modules have passed rigor-
ous testing for interoperability across existing
consumer and business Wi-Fi equipments, and
their certifications are completed (WFA ID:
WFA7150). The certification effort undertaken will
save customers time and money. For modular
policy, please refer to WFA Module Policy (Ver-
sion 2.2; MARCH 2006).”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com