Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WB0MA/RM Datasheet(PDF) 26 Page - Microchip Technology

Part # MRF24WB0MA/RM
Description  2.4 GHz, IEEE Std. 802.11b??RF Transceiver Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WB0MA/RM Datasheet(HTML) 26 Page - Microchip Technology

Back Button MRF24WB0MA/RM Datasheet HTML 22Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 23Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 24Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 25Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 26Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 27Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 28Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 29Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
MRF24WB0MA/MRF24WB0MB
DS70632A-page 26
Preliminary
 2010 Microchip Technology Inc.
Note 1:
Sleep current is current consumed during periods of “standby” between DTIM beacons. The module will
awake 2 mS before a DTIM and turn on its receiver, and possibly its transmitter (if data is available for it).
2:
IDD core is current consumed by the part not including the I/O consumption of the SPI port.
3:
Current Consumption values represent Typical Peak currents, and the measured current conditions were
done with 85% duty cycle modulated signal. Wi-Fi applications typically operate at less than 85% TX duty
cycle. TX current is dependent on such criteria as transmit power setting, and transmit data rate and band-
width being used. RX current is affected by connection distance.
Note 1:
Nominal conditions: 25C, VDD = 3.3V, Flo = 2437 MHz, measurements at antenna port.
Note 1:
Nominal conditions: 25C, VDD = 3.3V, Flo = 2437 MHz, 2 Mbps. modulated signal measured at antenna
port.
TABLE 4-4:
CURRENT CONSUMPTION(3) (NOMINAL CONDITIONS: 25C, VDD = 3.3V)
Parameters
Min
Typ
Max
Units
IDD, Hibernate = 3.3V
0.1
µA
IDD, Sleep (software enabled)
250(1)
µA
IDD, Standby (transitional state)
10
mA
IDD core(2), RX on, Receive @-83dBm with 2Mbps
modulated signal at antenna port
85
mA
IDD core, TX on, +0 dBm
115
mA
IDD core, TX on, +10 dBm
154
mA
TABLE 4-5:
RECEIVER AC CHARACTERISTICS(1)
Parameters
Min
Typ
Max
Units
Flo
2412
2484
MHz
RX Min Input Level Sensitivity, 1Mbps, 8% PER
-91
dBm
RX Min Input Level Sensitivity, 2Mbps, 8% PER
-88
dBm
RX Max Input Level (Power), 1Mbps, 8% PER
-4
dBm
RX Max Input Level (Power), 2Mbps, 8% PER
-4
dBm
TABLE 4-6:
TRANSMITTER AC CHARACTERISTICS(1)
Parameters
Min
Typ
Max
Units
Flo
2412
2484
MHz
Average Pout (transmit spectrum mask compliant)
+10
dBm
Average Pout gain step resolution from +5 to +10dBm
0.5
dB
Average Pout gain step resolution from -5 to +5dbm
1.0
dB
Average Pout settled variation
-0.5
0.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com