Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WB0MA/RM Datasheet(PDF) 11 Page - Microchip Technology

Part # MRF24WB0MA/RM
Description  2.4 GHz, IEEE Std. 802.11b??RF Transceiver Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WB0MA/RM Datasheet(HTML) 11 Page - Microchip Technology

Back Button MRF24WB0MA/RM Datasheet HTML 7Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 8Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 9Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 10Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 11Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 12Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 13Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 14Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS70632A-page 11
MRF24WB0MA/MRF24WB0MB
Figure 1-4 shows the recommended host PCB footprint
for the module.
The MRF24WB0MA has an integrated PCB antenna.
For best performance, follow the mounting details
shown in Figure 1-4.
For best performance, mount the module on the edge
of the host PCB with the antenna pattern facing
outward.
FIGURE 1-4:
RECOMMENDED PCB FOOTPRINT
Note 1: The “Note 1” demarcation specifies the “Host PCB copper keep-out area”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com