Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WB0MA/RM Datasheet(PDF) 25 Page - Microchip Technology

Part # MRF24WB0MA/RM
Description  2.4 GHz, IEEE Std. 802.11b??RF Transceiver Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WB0MA/RM Datasheet(HTML) 25 Page - Microchip Technology

Back Button MRF24WB0MA/RM Datasheet HTML 21Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 22Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 23Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 24Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 25Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 26Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 27Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 28Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS70632A-page 25
MRF24WB0MA/MRF24WB0MB
4.0
ELECTRICAL
CHARACTERISTICS
Note 1:
Listed Absolute Maximum Ratings are not meant for functional operation. Operation at these levels is not
guaranteed, and may reduce the operating life of the component.
Note 1:
Operation in EU and/or Japan over extended voltage range of 2.7V to 3.6V will require additional
certification testing by customer. The module is capable of this operation.
2:
While 3.63V is the maximum operating voltage, the module will detect an overvoltage condition at 4.2V and
disable the RF Transmit function in 0.5 ms. This is an RF certification behavior pertaining to disabling
transmission in unforeseen overvoltage conditions.
TABLE 4-1:
DIGITAL ELECTRICAL CHARACTERISTICS (NOMINAL CONDITIONS: 25C,
VDD = 3.3V)
Parameters
Min
Typ
Max
Units
VIL (Input low voltage)
-0.3
0.8
V
VIH (Input high voltage)
2
5.5
V
VOL (Output low voltage)
0.4
V
VOH (Output high voltage)
2.4
V
IOL (Output low level current at VOL Max)
8.5
mA
IOH (Output high level current at VOH Min)
15.4
mA
TABLE 4-2:
ABSOLUTE MAXIMUM RATINGS(1)
Parameters
Min
Max
Notes
Storage Temperature
-40C
+125C
VDD
0V
4.2V for 0.5mSec VDD above this level and duration will disable Radio
VIN on SDI, CS, SCK
-0.3V
5.5V
TABLE 4-3:
RECOMMENDED OPERATING CONDITIONS
Parameters
Min
Typ
Max
Units
Ambient Temperature
0
+70
Degrees Celsius
VDD – for FCC and IC
2.70
3.3
3.63(2)
Volts
VDD – for ETSI(1)
2.80
3.3
3.63(2)
Volts
VDD – for Japan(1)
2.97
3.3
3.63(2)
Volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com