Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WB0MA/RM Datasheet(PDF) 15 Page - Microchip Technology

Part # MRF24WB0MA/RM
Description  2.4 GHz, IEEE Std. 802.11b??RF Transceiver Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WB0MA/RM Datasheet(HTML) 15 Page - Microchip Technology

Back Button MRF24WB0MA/RM Datasheet HTML 11Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 12Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 13Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 14Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 15Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 16Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 17Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 18Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
 2010 Microchip Technology Inc.
DS70632A-page 15
MRF24WB0MA/MRF24WB0MB
2.3.4
STANDBY STATE
The Standby state is not user-controlled but is noted as
it helps identify and track certain operations of the
module during power tracing.
FIGURE 2-3:
MRF24WB0MA/MRF24WB0MB POWER-STATE DIAGRAM
2.4
JTAG Interface
Joint Test Action Group (JTAG) is the common name
used for the IEEE 1149.1 standard entitled Standard
Test Access Port and Boundary-Scan Architecture for
test access ports that are used for testing printed circuit
boards using boundary scan. The MRF24WB0MA/
MRF24WB0MB supports JTAG boundary scan. The
JTAG port provides the optional hardware JTAG Reset
input, JTAGRST. JTAG_EN and JTAGRST need to be
driven high to enable JTAG mode. JTAG should not be
enabled during normal functional operation. This func-
tion affects power state current.
2.5
Debug Serial Interface
The MRF24WB0MA/MRF24WB0MB incorporates a
Transmitted Data pin (DEBUGTX) and a Received Data
pin (DEBUGRX) for serial debugging purposes. These
pins can be connected to commercially available RS-
232 line drivers/receivers with appropriate external
level shifters. The serial interface is fully tested at
115200 bits/seconds with RS-232/UART interface
applications.
TABLE 2-1:
MRF24WB0MA/MRF24WB0MB POWER STATE DEFINITIONS
State
VDD
CS
Description
Off
0V
0V
Power is completely disconnected
Hibernate
3.3V
3.3V
All internal power regulators are OFF – enabled by HIBERNATE pin
Sleep
3.3V
0V
Enabled by TCPIP driver
RX ON
3.3V
0V
Receive circuits are on and receiving
TX ON
3.3V
0V
Transmit circuits are on and transmitting
Standby
3.3V
0V
State machine transition state only – not user controlled
Off
Hibernate
Standby
RX On
TX On
Sleep
200 us
200 us
10 us
Note 1
Note 1
Note 1: See Section 2.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com