Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WB0MA/RM Datasheet(PDF) 27 Page - Microchip Technology

Part # MRF24WB0MA/RM
Description  2.4 GHz, IEEE Std. 802.11b??RF Transceiver Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WB0MA/RM Datasheet(HTML) 27 Page - Microchip Technology

Back Button MRF24WB0MA/RM Datasheet HTML 23Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 24Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 25Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 26Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 27Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 28Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 29Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 30Page - Microchip Technology MRF24WB0MA/RM Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS70632A-page 27
MRF24WB0MA/MRF24WB0MB
FIGURE 4-1:
SPI INPUT TIMING
FIGURE 4-2:
SPI OUTPUT TIMING
CS
SCK
SI
SO
TCSS
THD
TSU
TCSD
LSb In
MSb In
High-Impedance
TCSH
TSCK
CS
SCK
SO
MSb Out
LSb Out
TDIS
Don’t Care
SI
TV
TV
LSb In
TSCK
TABLE 4-7:
SPI INTERFACE AC CHARACTERISTICS
Symbol
Parameters
Min
Max
Units
TSCK
SCK Period
40
nS
TCSD
CS High time
50
nS
TCSS
CS Setup time
50
nS
TCSH
CS Hold time
50
nS
TSU
SDI Setup time
10
nS
THD
SDI Hold time
10
nS
TV
SDO Valid time
15
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com