Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22SDP2 Datasheet(PDF) 2 Page - Texas Instruments

Part # SS22SDP2
Description  Contains all support circuitry needed for the ADS1174/ADS1274
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SS22SDP2 Datasheet(HTML) 2 Page - Texas Instruments

  SS22SDP2 Datasheet HTML 1Page - Texas Instruments SS22SDP2 Datasheet HTML 2Page - Texas Instruments SS22SDP2 Datasheet HTML 3Page - Texas Instruments SS22SDP2 Datasheet HTML 4Page - Texas Instruments SS22SDP2 Datasheet HTML 5Page - Texas Instruments SS22SDP2 Datasheet HTML 6Page - Texas Instruments SS22SDP2 Datasheet HTML 7Page - Texas Instruments SS22SDP2 Datasheet HTML 8Page - Texas Instruments SS22SDP2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
www.ti.com
Contents
1
EVM Overview
............................................................................................................... 3
2
Analog Interface
.............................................................................................................. 4
3
Digital Interface
.............................................................................................................. 4
4
Power Supplies
.............................................................................................................. 6
5
Voltage Reference
........................................................................................................... 7
6
Power-Down, Mode and Format Control
................................................................................. 8
7
Clock Source
................................................................................................................. 8
8
EVM Operation
............................................................................................................... 9
9
ADS1274EVM-PDK Kit Operation
....................................................................................... 12
10
Evaluating Performance with the ADCPro Software
................................................................... 24
11
Schematics and Layout
.................................................................................................... 28
List of Figures
1
ADS1274EVM (Left) and ADS1274EVM-PDK (Right)
.................................................................. 1
2
Connector J2
................................................................................................................. 5
3
Connectors J15, J16
........................................................................................................ 7
4
Connector J1
................................................................................................................. 7
5
Switch S1
..................................................................................................................... 7
6
Jumper J19
................................................................................................................... 9
7
Amplifier Selection Switches
............................................................................................... 9
8
ADS1274EVM Default Jumper Locations
............................................................................... 11
9
MMB0 Initial Setup
........................................................................................................ 13
10
Connecting ADS1274EVM to MMB0
................................................................................... 14
11
Connecting an AC Adapter
............................................................................................... 15
12
Laboratory Power-Supply Connection
................................................................................... 16
13
NI-VISA Driver Installation
................................................................................................ 17
14
NI-VISA Driver Installation Question
.................................................................................... 18
15
NI-VISA Driver Installing
.................................................................................................. 18
16
NI-VISA Driver Complete Installation
................................................................................... 19
17
NI-VISA Driver Verification Using Device Manager
................................................................... 19
18
ADCPro Software Start-up Display Window
............................................................................ 20
19
ADS1274EVM-PDK Plug-In Display Window
........................................................................... 21
20
Install New Driver Wizard Screen 1
...................................................................................... 22
21
Install New Driver Wizard Screen 2
...................................................................................... 22
22
Install New Driver Wizard Screen 3
...................................................................................... 23
23
Install New Driver Wizard Screen 4
...................................................................................... 23
24
Install New Driver Wizard Screen 5
...................................................................................... 24
25
USBSytx Driver Verification Using Device Manager
.................................................................. 24
26
Channel Enable
............................................................................................................. 25
27
Manual Channel Control
................................................................................................... 25
28
Clock Settings and Mode
.................................................................................................. 26
29
Operating Mode
............................................................................................................ 26
30
Output Data Format
........................................................................................................ 27
31
Progress Bar While Collecting Data
..................................................................................... 27
List of Tables
1
J9/J7:Analog Interface Pinout
.............................................................................................. 4
2
J5: Serial Interface Pins
..................................................................................................... 4
3
J3 Configuration: Power-Supply Input
.................................................................................... 6
4
J15 +10V Selection
.......................................................................................................... 6
5
J16 –10V Selection
.......................................................................................................... 6
6
List of Switches
............................................................................................................. 11
7
Operating Modes: Clock Frequency
..................................................................................... 26
2
ADS1174EVM, ADS1274EVM, ADS1174EVM-PDK, and ADS1274EVM-PDK
SBAU134A – August 2008 – Revised May 2009
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com