Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22SDP2 Datasheet(PDF) 40 Page - Texas Instruments

Part # SS22SDP2
Description  Contains all support circuitry needed for the ADS1174/ADS1274
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SS22SDP2 Datasheet(HTML) 40 Page - Texas Instruments

Back Button SS22SDP2 Datasheet HTML 36Page - Texas Instruments SS22SDP2 Datasheet HTML 37Page - Texas Instruments SS22SDP2 Datasheet HTML 38Page - Texas Instruments SS22SDP2 Datasheet HTML 39Page - Texas Instruments SS22SDP2 Datasheet HTML 40Page - Texas Instruments SS22SDP2 Datasheet HTML 41Page - Texas Instruments SS22SDP2 Datasheet HTML 42Page - Texas Instruments SS22SDP2 Datasheet HTML 43Page - Texas Instruments SS22SDP2 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
ti
6730 SOUTH TUCSON BLVD., TUCSON, AZ 85706 USA
TITLE
SHEET
OF
FILE
SIZE
DATE
REV
DRAWN BY
ENGINEER
REVISION HISTORY
REV
ENGINEERING CHANGE NUMBER
APPROVED
B
DATA ACQUISITION PRODUCTS
HIGH-PERFORMANCE ANALOG DIVISION
SEMICONDUCTOR GROUP
DOCUMENT CONTROL NO.
AN0+
2
AN1+
4
AN2+
6
AN3+
8
AN4+
10
AN5+
12
AN6+
14
AN7+
16
REF-
18
REF+
20
AGND
17
AGND
19
AN0-
1
AN1-
3
AN2-
5
AN3-
7
AGND
9
AGND
11
AGND
13
VCOM
15
J9
ANALOGHDR
+
8
2
-
1
3
6
4
5
+
-
VOCM
U9
OPA1632
R58
49.9
R59 49.9
R8 1K
C55
0.1uF
C38
1.5nF C0G
C39
1.5nF C0G
C56
0.1uF
+10V
-10V
R11
1K
R9
1K
R10
1K
+
8
2
-
1
3
6
4
5
+
-
VOCM
U10
OPA1632
R60 49.9
R61 49.9
R12 1K
C58
0.1uF
C40
1.5nF C0G
C41
1.5nF C0G
C59
0.1uF
+10V
-10V
R15
1K
R13
1K
R14
1K
C60
0.1uF
C57
0.1uF
REFN
REFP
J9A (TOP) = SAM_TSM-110-01-L-DV-P
J9B (BOTTOM) = SAM_SSW-110-22-F-D-VS-K
+
8
2
-
1
3
6
4
5
+
-
VOCM
U11
OPA1632
R62 49.9
R63 49.9
R16 1K
C61
0.1uF
C42
1.5nF C0G
C43
1.5nF C0G
C62
0.1uF
+10V
-10V
R19
1K
R17
1K
R18
1K
C63
0.1uF
+
8
2
-
1
3
6
4
5
+
-
VOCM
U8
OPA1632
R56
49.9
R57 49.9
R4 1K
C52
0.1uF
C36
1.5nF C0G
C37
1.5nF C0G
C53
0.1uF
+10V
-10V
R7
1K
R5
1K
R6
1K
C54
0.1uF
J7
TERMBLOCK-MINI-9
ANP1
ANP2
ANP3
ANP4
ANN1
ANN2
ANN3
ANN4
S5
SW-DPDT
S4
SW-DPDT
S3
SW-DPDT
S2
SW-DPDT
ANN1
ANN2
ANN3
ANN4
ANP1
ANP2
ANP3
ANP4
CHAN-N1
CHAN-N2
CHAN-N3
CHAN-N4
CHAN-P1
CHAN-P2
CHAN-P3
CHAN-P4
AN1
AP1
AN2
AP2
AN3
AP3
AN4
AP4
VCOM
CHAN-N1
CHAN-N2
CHAN-N3
CHAN-N4
CHAN-P1
CHAN-P2
CHAN-P3
CHAN-P4
CM
22
ADS1274EVM
RUSSELL ANDERSON
RUSSELL ANDERSON
29 AUG 2008
B
6492533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com