Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22SDP2 Datasheet(PDF) 3 Page - Texas Instruments

Part # SS22SDP2
Description  Contains all support circuitry needed for the ADS1174/ADS1274
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SS22SDP2 Datasheet(HTML) 3 Page - Texas Instruments

  SS22SDP2 Datasheet HTML 1Page - Texas Instruments SS22SDP2 Datasheet HTML 2Page - Texas Instruments SS22SDP2 Datasheet HTML 3Page - Texas Instruments SS22SDP2 Datasheet HTML 4Page - Texas Instruments SS22SDP2 Datasheet HTML 5Page - Texas Instruments SS22SDP2 Datasheet HTML 6Page - Texas Instruments SS22SDP2 Datasheet HTML 7Page - Texas Instruments SS22SDP2 Datasheet HTML 8Page - Texas Instruments SS22SDP2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
1
EVM Overview
1.1
Features
1.2
Introduction
www.ti.com
EVM Overview
8
ADS1174EVM/ADS1274EVM Bill of Materials
......................................................................... 28
ADS1174EVM/ADS1274EVM Features:
• Contains all support circuitry needed for the ADS1174/ADS1274
• +10V and –10V generated from the +5V supply or supplied externally
• Voltage reference options: external or onboard
• Clock options: External clock source or 27MHz onboard crystal oscillator
• GPIO access
• Compatible with the TI Modular EVM System
ADS1174EVM-PDK/ADS1274EVM-PDK Features:
• Easy-to-use evaluation software for Microsoft® Windows® XP
• Data collection to text files
• Built-in analysis tools including scope, FFT, and histogram displays
• Complete control of board settings
• Easily expandable with new analysis plug-in tools from Texas Instruments
For use with a computer, the ADS1174EVM-PDK or ADS1274EVM-PDK is available. This kit combines
the ADS1174EVM/ADS1274EVM board with the DSP-based MMB0 motherboard, and includes ADCPro™
software for evaluation.
The MMB0 motherboard allows the ADS1174EVM/ADS1274EVM to be connected to the computer via an
available USB port. This manual shows how to use the MMB0 as part of the
ADS1174EVM-PDK/ADS1274EVM-PDK, but does not provide technical details about the MMB0 itself.
ADCPro™ is a program for collecting, recording, and analyzing data from ADC evaluation boards. It is
based on a number of plug-in programs, so it can be expanded easily with new test and data collection
plug-ins. The ADS1174EVM-PDK/ADS1274EVM-PDK is controlled by a plug-in running in ADCPro. For
more information about ADCPro, see the ADCPro™ Analog-to-Digital Converter Evaluation Software
User's Guide (literature number SBAU128), available for download from the TI web site.
This manual covers the operation of both the ADS1174EVM/ADS1274EVM and the
ADS1174EVM-PDK/ADS1274EVM-PDK. Throughout this document, the abbreviation EVM and the term
evaluation module are synonymous with the ADS1174EVM and the ADS1274EVM. For clarity of reading,
the remainder of this manual will refer only to the ADS1274EVM or ADS1274EVM-PDK, but operation of
the EVM and kit for the ADS1174 is identical, unless otherwise noted.
The ADS1274EVM is an evaluation module built to the TI Modular EVM System specification. It can be
connected to any modular EVM system interface card.
The ADS1274EVM is available as a stand-alone printed circuit board (PCB) or as part of the
ADS1274EVM-PDK, which includes an MMB0 motherboard and related software. As a stand-alone PCB,
the ADS1274EVM is useful for prototyping designs and firmware.
Note that the ADS1274EVM has no microprocessor and cannot run software. To connect it to a computer,
some type of interface is required.
SBAU134A – August 2008 – Revised May 2009
ADS1174EVM, ADS1274EVM, ADS1174EVM-PDK, and ADS1274EVM-PDK
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com