Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22SDP2 Datasheet(PDF) 5 Page - Texas Instruments

Part # SS22SDP2
Description  Contains all support circuitry needed for the ADS1174/ADS1274
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SS22SDP2 Datasheet(HTML) 5 Page - Texas Instruments

  SS22SDP2 Datasheet HTML 1Page - Texas Instruments SS22SDP2 Datasheet HTML 2Page - Texas Instruments SS22SDP2 Datasheet HTML 3Page - Texas Instruments SS22SDP2 Datasheet HTML 4Page - Texas Instruments SS22SDP2 Datasheet HTML 5Page - Texas Instruments SS22SDP2 Datasheet HTML 6Page - Texas Instruments SS22SDP2 Datasheet HTML 7Page - Texas Instruments SS22SDP2 Datasheet HTML 8Page - Texas Instruments SS22SDP2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
3.2
Data Output
www.ti.com
Digital Interface
Table 2. J5: Serial Interface Pins (continued)
Pin No.
Pin Name
Signal Name
I/O Type
Pullup
Function
J5.9
FSR
/DRDY/FSYNC
In/Out
None
J5.10
DGND
DGND
In/Out
None
Digital Ground
J5.11
DX
DIN
In
None
ADS1274 SPI data
in
J5.12
GPIO3
FORMAT1
In
High
J5.13
DR
DOUT1
Out
None
ADS1274 data out
J5.14
GPIO4
FORMAT2
In
None
J5.15
/INT
/DRDY/FSYNC
Out
None
J5.16
SCL
SCL
I2C
n/a
I2C clock
J5.17
TOUT
CLK
In
None
Can be used to
provide a clock from
a processor
J5.18
DGND
DGND
In/Out
None
Digital Ground
J5.19
GPIO5
CLK Select
None
J5.20
SDA
SDA
I2C
n/a
I2C data
Many pins on J5 have weak pull-up/pull-down resistors. These resistors provide default settings for many
of the control pins. Many pins on J5 correspond directly to ADS1274 pins. See the ADS1274 product data
sheet for complete details on these pins.
Most data communications are directed through DOUT1. The data from all eight channels can be
observed on the DOUT1 pin using the TDM mode. That is the signal used by the ADS1274EVM-PDK to
read back and display all the channels. All the data output signals (DOUT1 to DOUT4) can be monitored
on J2. Figure 2 illustrates the pinout for J2.
Figure 2. Connector J2
SBAU134A – August 2008 – Revised May 2009
ADS1174EVM, ADS1274EVM, ADS1174EVM-PDK, and ADS1274EVM-PDK
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com