Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22SDP2 Datasheet(PDF) 4 Page - Texas Instruments

Part # SS22SDP2
Description  Contains all support circuitry needed for the ADS1174/ADS1274
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SS22SDP2 Datasheet(HTML) 4 Page - Texas Instruments

  SS22SDP2 Datasheet HTML 1Page - Texas Instruments SS22SDP2 Datasheet HTML 2Page - Texas Instruments SS22SDP2 Datasheet HTML 3Page - Texas Instruments SS22SDP2 Datasheet HTML 4Page - Texas Instruments SS22SDP2 Datasheet HTML 5Page - Texas Instruments SS22SDP2 Datasheet HTML 6Page - Texas Instruments SS22SDP2 Datasheet HTML 7Page - Texas Instruments SS22SDP2 Datasheet HTML 8Page - Texas Instruments SS22SDP2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
2
Analog Interface
3
Digital Interface
3.1
Serial Data Interface
Analog Interface
www.ti.com
For maximum flexibility, the ADS1274EVM is designed for easy interfacing to multiple analog sources.
Samtec part numbers SSW-110-22-F-D-VS-K and TSM-110-01-T-DV-P provide a convenient 10-pin,
dual-row, header/socket combination at J9. This header/socket provides access to the analog input pins of
the ADS1274. Consult Samtec at http://www.samtec.com or call 1-800-SAMTEC-9 for a variety of mating
connector options. These signals can also be connected to the terminal block J7.
Most of the pins on J7 and J9 are directly connected, with no filtering or protection. Use appropriate
caution when handling these pins. Table 1 summarizes the pinouts for analog interfaces J9 and J7.
Table 1. J9/J7:Analog Interface Pinout
Pin Number
Signal
Description
J9.1, J7-2
A1N
AINN1, ADS1274
J9.2, J7-3
A1P
AINP1, ADS1274
J9.3, J7-4
A2N
AINN2, ADS1274
J9.4, J7-5
A2P
AINP2, ADS1274
J9.5, J7-6
A3N
AINN3, ADS1274
J9.6, J7-7
A3P
AINP3, ADS1274
J9.7, J7-8
A4N
AINN4, ADS1274
J9.8, J7-9
A4P
AINP4, ADS1274
J9.18
EXTREFN
External Reference source input
(– side of differential input)
J9.20
EXTREFP
External Reference source input
(+ side of differential input)
J9.10-16 (even)
Unused
J9.15
Unused
J9.9-19 (odd), J7-1
AGND
Analog ground connections (except J1.15)
The ADS1274EVM is designed to easily interface with multiple control platforms. Samtec part numbers
SSW-110-22-F-D-VS-K and TSM-110-01-T-DV-P provide a convenient 10-pin, dual-row, header/socket
combination at J5. This header/socket provides access to the digital control and serial data pins of the
ADC. Consult Samtec at http://www.samtec.com or call 1-800-SAMTEC-9 for a variety of mating
connector options.
All logic levels on J5 are 3.3V CMOS, except for the I2C™ pins. These pins conform to 3.3V I2C rules.
Table 2 describes the J5 serial interface pins.
Table 2. J5: Serial Interface Pins
Pin No.
Pin Name
Signal Name
I/O Type
Pullup
Function
J5.1
CNTL
SYNC
In
High
J5.2
GPIO0
MODE0
In
High
J5.3
CLKX
SCLK
In
None
ADS1274 SPI™
clock
J5.4
DGND
DGND
In/Out
None
Digital Ground
J5.5
CLKR
CLKR
Out
None
SCLK clock
J5.6
GPIO1
MODE1
In
High
J5.7
FSX
/DRDY/FSYNC
In/Out
Low
J5.8
GPIO2
FORMAT0
In
High
4
ADS1174EVM, ADS1274EVM, ADS1174EVM-PDK, and ADS1274EVM-PDK
SBAU134A – August 2008 – Revised May 2009
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com