Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22SDP2 Datasheet(PDF) 28 Page - Texas Instruments

Part # SS22SDP2
Description  Contains all support circuitry needed for the ADS1174/ADS1274
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SS22SDP2 Datasheet(HTML) 28 Page - Texas Instruments

Back Button SS22SDP2 Datasheet HTML 24Page - Texas Instruments SS22SDP2 Datasheet HTML 25Page - Texas Instruments SS22SDP2 Datasheet HTML 26Page - Texas Instruments SS22SDP2 Datasheet HTML 27Page - Texas Instruments SS22SDP2 Datasheet HTML 28Page - Texas Instruments SS22SDP2 Datasheet HTML 29Page - Texas Instruments SS22SDP2 Datasheet HTML 30Page - Texas Instruments SS22SDP2 Datasheet HTML 31Page - Texas Instruments SS22SDP2 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
11
Schematics and Layout
11.1 Bill of Materials
Schematics and Layout
www.ti.com
Schematics for the ADS1174EVM and ADS1274EVM are appended to this user's guide. The bill of
materials is provided in Table 8.
Note:
All components should be compliant with the European Union Restriction on Use of
Hazardous Substances (RoHS) Directive. Some part numbers may be either leaded or
RoHS. Verify that purchased components are RoHS-compliant. (For more information about
TI's position on RoHS compliance, see the Texas Instruments web site.)
Table 8. ADS1174EVM/ADS1274EVM Bill of Materials
Item
No.
Qty
Value
Ref Des
Description
Vendor
Part Number
1
6
47
R39-R45. R44,
Resistor, Thick Film Chip 47
Ω,
Panasonic
ERJ-3GEYJ470V
R45
5%, 1/10W, Size = 0603
2
16
49.9
R36, R46,
Resistor, Thick Film Chip 49.9
Ω,
Panasonic
ERJ-3EKF49R9V
R56-R69
1%, 1/16W, Size = 0603
3
1
100
R37
Resistor, Thick Film Chip 100
Ω,
Panasonic
ERJ-3GEYJ101V
5%, 1/10W, Size = 0603
4
18
1K
R2-R19
Resistor, Thick Film Chip 1 k
Ω,
Panasonic
ERJ-3EKF1001V
1%, 1/16W, Size = 0603
5
1
2K
R38
Resistor, Thick Film Chip 2 k
Ω,
Panasonic
ERJ-3GEYJ202V
5%, 1/10W, Size = 0603
6
1
4.22K
R71
Resistor, Thick Film Chip 4.22 k
Ω, Panasonic
ERJ-3EKF4221V
1%, 1/16W, Size = 0603
7
3
10K
R50, R51, R70
Resistor, Thick Film Chip 10 k
Ω,
Panasonic
ERJ-3GEYJ103V
5%, 1/10W, Size = 0603
9
1
47K
R47
Resistor, Thick Film Chip 47 k
Ω,
Panasonic
ERJ-3GEYJ473V
5%, 1/10W, Size = 0603
10
2
100K
R1,R72
Resistor, Thick Film Chip 100 k
Ω,
Panasonic
ERJ-3GEYJ104V
5%, 1/10W, Size = 0603
11
2
150K
R53, R54
Resistor, Thick Film Chip 150 k
Ω,
Panasonic
ERJ-3GEYJ154V
5%, 1/10W, Size = 0603
12
2
470K
R48, R49
Resistor, Thick Film Chip 470 k
Ω,
Panasonic
ERJ-3GEYJ474V
5%, 1/10W, Size = 0603
13
1
1.1M
R52
Resistor, Thick Film Chip 1.1 M
Ω,
Rohm
MCR10EZHF1104
5%, 1/8W, Size = 0805
14
1
1.24M
R55
Resistor, Thick Film Chip 1.24 M
Ω, Rohm
MCR10EZHF1244
5%, 1/8W, Size = 0805
15
2
100K
RA1, RA2
Resistor, Chip Array 10 Terminal
CTS
745C101104JPTR
Bus 100 k
Ω, 5%, 1/16W, SMD
16
2
6.2pF
C28, C29
Capacitor, C0G Ceramic 6.2 pF
Murata
GRM1885C1H6R2DZ01D
±0.5pF, 50WV, Size = 0603
17
8
1.5nF
C36-C43
Capacitor, C0G Ceramic 1500 pF
TDK
C1608C0G1H152JT
±5%, 50WV, Size = 0603
18
4
2.2nF
C17-C20
Capacitor, C0G Ceramic 2200
TDK
C1608C0G1H222JT
pF
±5%, 50WV, Size = 0603
19
1
4.7nF
C33
Capacitor, X7R Ceramic 4700 pF
TDK
C1608X7R1H472KT
±10%, 50WV, Size = 0603
20
3
10nF
C32, C34, C76
Capacitor, X7R Ceramic 0.01
µF
TDK
C1608X7R1H103KT
±5%, 50WV, Size = 0603
21
28
0.1
µF
C4-C12, C26,
Capacitor, X7R Ceramic 0.1
µF
TDK
C1608X7R1H104KT
C52-C63,
±10%, 50WV, Size = 0603
C77-C80, C83,
C84
28
ADS1174EVM, ADS1274EVM, ADS1174EVM-PDK, and ADS1274EVM-PDK
SBAU134A – August 2008 – Revised May 2009
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com