Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22SDP2 Datasheet(PDF) 8 Page - Texas Instruments

Part # SS22SDP2
Description  Contains all support circuitry needed for the ADS1174/ADS1274
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SS22SDP2 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SS22SDP2 Datasheet HTML 4Page - Texas Instruments SS22SDP2 Datasheet HTML 5Page - Texas Instruments SS22SDP2 Datasheet HTML 6Page - Texas Instruments SS22SDP2 Datasheet HTML 7Page - Texas Instruments SS22SDP2 Datasheet HTML 8Page - Texas Instruments SS22SDP2 Datasheet HTML 9Page - Texas Instruments SS22SDP2 Datasheet HTML 10Page - Texas Instruments SS22SDP2 Datasheet HTML 11Page - Texas Instruments SS22SDP2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
6
Power-Down, Mode and Format Control
7
Clock Source
7.1
Usage in PDK
7.2
Usage as a Stand-Alone EVM
Power-Down, Mode and Format Control
www.ti.com
The ADS1274 has several pins to control power-down of individual channels, and mode and format for the
digital interface. These pins are controlled on the EVM either through software or hardware (using
switches S10 and S11).
For users of the ADS1274EVM as a stand-alone module, these pins may be pulled high or low through
DIP switches S10 and S11. Refer to the ADS1274 product data sheet for complete details on these pins
and which state sets which options.
For use in the ADS1274EVM-PDK, the state of these pins is controlled by software, using the I2C port
expander on the EVM. When used in the ADS1274EVM-PDK, DIP switches S10 and S11 must all be
switched so that they are down, toward the center of the board. The ADS1274EVM-PDK software will
check at startup to verify that these switches are set correctly, and will generate an error message if they
are not. However, it cannot detect if the switches are changed after startup.
CAUTION
When using the EVM as part of the ADS1274EVM-PDK, DIP switches S10 and
S11 must all be switched so that they are down, toward the center of the board.
Failure to do so may damage the EVM.
The ADS1274 clock can come from one of several sources: the onboard 27MHz crystal oscillator, a clock
supplied by a processor on the TOUT pin (J5.17), or an external clock source connected to J18.1 (ground)
and J18.2 (signal).
If the onboard 27MHz oscillator is selected, the device can be run in the high-speed mode, the
high-resolution mode, the low-power mode, or low-speed mode with CLKDIV set to 1. If the performance
of the device must be explored with CLKDIV set to 0 in the low-power and low-speed modes, an external
clock must be provided to the board, either using the TOUT connection or having an external clock source
connected to J18. The same is true if frequencies other than the 27MHz provided by the onboard oscillator
must be investigated.
If using the ADS1274EVM as part of the ADS1274EVM-PDK, J19 should not have any pins shorted.
Remove any shorting blocks on jumper J19. The ADS1274EVM-PDK software will allow selection of the
clock source under software control (this option is accomplished by using port 05 of the I2C expander
U17). The software allows selection of the onboard 27MHz oscillator, or a clock provided by a PLL on the
MMB0 which directly drives the appropriate CLK pins of the interface, or an external, customer supplied
clock. If an external clock is selected with the software, this clock must be provided on J18. Note that if the
external clock is selected and no clock is provided, the software may hang waiting for data from the
converter.
If using the EVM in your own system and not with the PDK hardware and software, observe the following
recommendations:
• J17 should be removed if the external clock source is used and the TOUT pin is still driven by a
processor in order to avoid conflicts.
• Jumper J19 can be used to always select the 27MHz crystal (IOVDD position) or allow the
onboard/external clock selection to be controlled by GPIO5 (J5.19) as shown in Figure 6.
8
ADS1174EVM, ADS1274EVM, ADS1174EVM-PDK, and ADS1274EVM-PDK
SBAU134A – August 2008 – Revised May 2009
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com