Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP200M Datasheet(PDF) 6 Page - STMicroelectronics

Part # CLP200M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP200M Datasheet(HTML) 6 Page - STMicroelectronics

Back Button CLP200M Datasheet HTML 2Page - STMicroelectronics CLP200M Datasheet HTML 3Page - STMicroelectronics CLP200M Datasheet HTML 4Page - STMicroelectronics CLP200M Datasheet HTML 5Page - STMicroelectronics CLP200M Datasheet HTML 6Page - STMicroelectronics CLP200M Datasheet HTML 7Page - STMicroelectronics CLP200M Datasheet HTML 8Page - STMicroelectronics CLP200M Datasheet HTML 9Page - STMicroelectronics CLP200M Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
CLP200M
6/21
RINGS
R sense
Rp
1
2
Overvoltage
reference
(+/- 215 V)
Overvoltage
detector
Overcurrent
detector
OR
Overvoltage
reference
(+/- 215 V)
Overvoltage
detector
Overcurrent
detector
OR
TIPL
TIPS
RINGL
FS
GND
SW3 SW1
SW4 SW2
R sense
1
2
Rp
Fuse
Fuse
TIP
RING
VB1
VB2
s
external reference supplies, Vb1 and Vb2 (see fig.5b)..
Fig. 5b : Method to adjust the reference voltage.
Rsense
Rp
1
2
Overvoltage
reference
(+/- 215 V)
Overvoltage
detector
Overcurrent
detector
OR
TIPL
TIPS
FS
SW3 SW1
Fuse
TIP
GND
-Vbat
External
voltage
reference
ILG
VLG
ILG
V
A2
LG
4
5
6
VREF1
-VREF2
2.4 Speech mode
Fig. 6 : Switching by current during speech mode.
In speech mode (Ring relay in position 1), the pro-
tection is provided by the combination of both
CLP200M and the external voltage reference de-
vice.
In normal conditions, the working point of this cir-
cuit is located in region 4 of A2 curve : the
CLP200M is idle.
When a surge occurs on the line, the external volt-
age reference device clamps at GND or -Vbat re-
spectively for positive and negative surges.
This generates a current which is detected by
RSENSE and causes the protection to act : the line is
short-circuited to GND.
The operating point moves to region 5 for positive
surges or region 6 for negative surges.
Once the surge current falls below the switch-
ing-off current ISWOFF, the CLP200M returns to its
initial state (region 4).
Furthermore, the CLP200M switches when an
overvoltage, either positive or negative, occurs ei-
ther :
s
simultaneously on both TIP and RING lines ver-
sus GND.
s
between TIP and RING.
s
on TIP (or RING) versus GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com