Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP200M Datasheet(PDF) 8 Page - STMicroelectronics

Part # CLP200M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP200M Datasheet(HTML) 8 Page - STMicroelectronics

Back Button CLP200M Datasheet HTML 4Page - STMicroelectronics CLP200M Datasheet HTML 5Page - STMicroelectronics CLP200M Datasheet HTML 6Page - STMicroelectronics CLP200M Datasheet HTML 7Page - STMicroelectronics CLP200M Datasheet HTML 8Page - STMicroelectronics CLP200M Datasheet HTML 9Page - STMicroelectronics CLP200M Datasheet HTML 10Page - STMicroelectronics CLP200M Datasheet HTML 11Page - STMicroelectronics CLP200M Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
CLP200M
8/21
AorB
B or A
E
15
25
0.2µF
50
20µF
4kv
ITEM
UNDER
TEST
A
B
E
15
25
0.2µF
50
20µF
ITEM
UNDER
TEST
25
4kv
TRANSVERSAL TEST
LONGITUDINAL TEST
Fig. 10 : Transversal and longitudinal test
topologies.
A
B
<10
ITEM
UNDER
TEST
<10
E
600
600
Fig. 12 : Power contact test circuit.
A
B
R1
ITEM
UNDER
TEST
R2
1µF
1µF
E
S2
S1
100
Fig. 11 : Power induction test circuit.
3. CLP200M TESTS RESULTS ACCORDING TO
CCITT K20 RECOMMENDATIONS
3.1 CCITT K20 Recommendations
In respect with the CCITT recommendations, the
CLP200M has to withstand three kinds of distur-
bances.
3.1.1. Lightning simulation
(Test 2, table 2/K20)
This test shall be done in transversal and longitudi-
nal modes as shown in figure 10.
The test generator is the 10/700
µs with 4kV of
peak voltage.
3.1.2. Power induction
(Test 3a and 3b, table 2/K20)
Two kinds of tests using the same circuit topology
(see fig.11) are defined in the CCITT K20.
s
Test 3a :
Vac(max) = 300VRMS,R1=R2=600
Ω
S2 operating and test duration = 200 ms.
s
Test 3b :
Vac(max) = 300VRMS (*), R1 = R2 = 200
Ω
S2 operating and test duration not defined.
(*) Recommended value.
3.1.3. Power contact (Test 3, table 1/K20)
This test shall be done with the test circuit of figure
12.
Vac(max) = 220VRMS , with switch S in each posi-
tion and duration 15 min.
3.1.4. Acceptance criteria and number of tests
For the tests described in chapter 3.1.1., 3.1.2. and
3.1.3. two criteria are defined :
A: Equipment shall withstand the test without dam-
age and shall operate properly within the specified
limits.
B: A fire hazard should not occur in the equipment
as a result of the tests.
The criteria are affected to the different tests as
mentioned in the table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com