Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP200M Datasheet(PDF) 11 Page - STMicroelectronics

Part # CLP200M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP200M Datasheet(HTML) 11 Page - STMicroelectronics

Back Button CLP200M Datasheet HTML 7Page - STMicroelectronics CLP200M Datasheet HTML 8Page - STMicroelectronics CLP200M Datasheet HTML 9Page - STMicroelectronics CLP200M Datasheet HTML 10Page - STMicroelectronics CLP200M Datasheet HTML 11Page - STMicroelectronics CLP200M Datasheet HTML 12Page - STMicroelectronics CLP200M Datasheet HTML 13Page - STMicroelectronics CLP200M Datasheet HTML 14Page - STMicroelectronics CLP200M Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
CLP200M
11/21
Fig. 22 : CLP200M response to a positive surge.
Fig. 23 : CLP200 M response to a negative surge.
Fig. 24 : Power induction test.
4
Ω
TIPL
TIPS
GND
1/2 CLP200M
I
V1
50
I2
SLIC
LCP1511D
-48V
V2
1
Rsense
Rp
V(RMS)
50 Hz
TEST
V(RMS)
R(
Ω)
Duration
3a
300
600
0.2s
Fig. 25 : Induction test behavior (Test 3a).
Figures 22 and 23 give the voltage and current be-
havior during positive and negative 4kV, 10/700
µs,
surge tests using a LCP1511D as second stage
protection device. The firing threshold values are
now adjusted to GND and to -Vbat (-48V) by the
action of the second stage protection which acts as
an external voltage reference.
As shown on these figures, the maximum remain-
ing voltage does not exceed +2.5V for positive
surges and -60V for negative surges.
Consequently, the CLP200M totally fulfills this test.
3.3.2 Power induction test
(Test 3a and 3b, table 2/K20)
Figures 25 and 26 show that the maximum remain-
ing voltage does not exceed +2V for positive
surges and -55V for negative surges.
Consequently, the CLP200M totally fulfills this test.
The test duration is not specified in test 3b. If the
duration exceeds 5s we do suggest to follow the
soldering and mounting recommendations given
on page 17 of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com