Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP200M Datasheet(PDF) 5 Page - STMicroelectronics

Part # CLP200M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP200M Datasheet(HTML) 5 Page - STMicroelectronics

  CLP200M Datasheet HTML 1Page - STMicroelectronics CLP200M Datasheet HTML 2Page - STMicroelectronics CLP200M Datasheet HTML 3Page - STMicroelectronics CLP200M Datasheet HTML 4Page - STMicroelectronics CLP200M Datasheet HTML 5Page - STMicroelectronics CLP200M Datasheet HTML 6Page - STMicroelectronics CLP200M Datasheet HTML 7Page - STMicroelectronics CLP200M Datasheet HTML 8Page - STMicroelectronics CLP200M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
CLP200M
5/21
R sense
Rp
1
2
Overvoltage
reference
(+/- 215 V)
Overvoltage
detector
Overcurrent
detector
OR
TIPL
TIPS
FS
SW3 SW1
Fuse
TIP
GND
ILG
VLG
1/2 CLP200M
ILG
VLG
1
2
3
-215
+215
A1
2.3 Ringing mode
Fig. 4 : Switching by voltage during ringing mode.
RINGS
R sense
Rp
1
2
Overvoltage
reference
(+/- 215 V)
Overvoltage
detector
Overcurrent
detector
OR
Overvoltage
reference
(+/- 215 V)
Overvoltage
detector
Overcurrent
detector
OR
TIPL
TIPS
RINGL
FS
GND
SW3 SW1
SW4 SW2
Rsense
1
2
Rp
Fuse
Fuse
TIP
RING
VZ1
VZ2
VZ3
VZ4
Fig. 5a : Method to adjust the reference voltage.
In ringing mode (Ring relay in position 2), the only
protection device involved is the CLP200M.
In normal conditions, the CLP200M operates in re-
gion 1 of A1 curve, and is idle.
If an overvoltage occuring between TIP (or RING)
and
GND
reaches
the
internal
overvoltage
refe-rence (+/- 215V), the CLP200M acts and the
line is short-circuited to GND. At this time the oper-
ating point moves to region 2 for positive surges
(region 3 for negative surges). Once the surge cur-
rent disappears, the device returns to its initial
state (region 1).
For surges occuring between TIP and RING, the
CLP200M acts in the same way. This means that
the CLP200M ensures a tripolar protection.
When used alone, the CLP200M acts at the inter-
nal overvoltage reference level (+/- 215V). Fur-
thermore, it is possible to adjust this threshold level
to a lower voltage by using :
. up to 4 fixed external voltage reference (V
Z1 to
VZ4) (see fig.5a).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com