Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP200M Datasheet(PDF) 15 Page - STMicroelectronics

Part # CLP200M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP200M Datasheet(HTML) 15 Page - STMicroelectronics

Back Button CLP200M Datasheet HTML 11Page - STMicroelectronics CLP200M Datasheet HTML 12Page - STMicroelectronics CLP200M Datasheet HTML 13Page - STMicroelectronics CLP200M Datasheet HTML 14Page - STMicroelectronics CLP200M Datasheet HTML 15Page - STMicroelectronics CLP200M Datasheet HTML 16Page - STMicroelectronics CLP200M Datasheet HTML 17Page - STMicroelectronics CLP200M Datasheet HTML 18Page - STMicroelectronics CLP200M Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
CLP200M
15/21
46
8
10
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Rsense ( )
Ω
ISWOFF [Rsense] / ISWOFF [4
Ω]
Fig. 33 : Relative variation of switching-off current
versus RSENSE (between 3 and 10
Ω).
Fig. 34 : Residual current l1 after the CLP200M.
The residual current l1 is defined by its peak value
(IP) and its duration (
τ)@IP/2 .
Current surge input
Residual current
after the CLP200M
waveform(
µs)
IPP(A)
Peak cur-
rent
IP (A)
waveform
t(
µs)
5/310
130A
positive surge
negative surge
4.2
1.1
1
0.5
TIPL
TIPS
GND
R sense
RINGL
RINGS
DUT
R = 50 Ohms
SURGE
GENERATOR
-48V
I1
0.1
0.3
1
3
10
30
100
300
1000
0.98
1.00
1.02
1.04
1.06
1.08
1.10
1.12
dV/dt (V/µs)
VSWON / REF
V
Fig. 35 : Relative variation of switching-on voltage
versus dV/dt with an external resistor of 4
Ω.
-40
-20
0
20
40
60
0.85
0.90
0.95
1.00
1.05
1.10
Tj (°C)
VREF [Tj°C] / V
[25°C]
REF
Fig. 36 : Relative variation of internal reference
voltage versus junction temperature (ILG=1mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com