Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP200M Datasheet(PDF) 2 Page - STMicroelectronics

Part # CLP200M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP200M Datasheet(HTML) 2 Page - STMicroelectronics

  CLP200M Datasheet HTML 1Page - STMicroelectronics CLP200M Datasheet HTML 2Page - STMicroelectronics CLP200M Datasheet HTML 3Page - STMicroelectronics CLP200M Datasheet HTML 4Page - STMicroelectronics CLP200M Datasheet HTML 5Page - STMicroelectronics CLP200M Datasheet HTML 6Page - STMicroelectronics CLP200M Datasheet HTML 7Page - STMicroelectronics CLP200M Datasheet HTML 8Page - STMicroelectronics CLP200M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
CLP200M
2/21
BLOCK DIAGRAM
Overvoltage
reference
(+/- 215 V)
Overvoltage
detector
Overcurrent
detector
OR
Overvoltage
reference
(+/- 215 V)
Overvoltage
detector
Overcurrent
detector
OR
TIPL
TIPS
RINGL
RINGS
FS
GND
SW3
SW1
SW4
SW2
Pin
Symbol
Description
1FS
Failure Status
2
TIPS
TIP (SLIC side)
3/4/5
TIPL
TIP (Line side)
6/7/8
RINGL
RING (Line side)
9
RINGS
RING (SLIC side)
10
NC
Not connected
TAB
GND
Ground
COMPLIES WITH THE
FOLLOWING STANDARDS:
Peak Surge
Voltage
(V)
Voltage
Waveform
(
µs)
Current
Waveform
(
µs)
Admissible
Ipp
(A)
Necessary
Resistor
(
Ω)
CCITT K20
6000
10/700
5/310
150
-
VDE0433
6000
10/700
5/310
150
-
VDE0878
4000
1.2/50
1/20
100
-
IEC61000-4-5
6000
4000
10/700
1.2/50
5/310
8/20
150
100
-
-
FCC Part 68
1500
800
10/160
10/560
10/160
10/560
200
100
-
-
BELLCORE TR-NWT-001089
2500
1000
2/10
10/1000
2/10
10/1000
500
100
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com