Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP200M Datasheet(PDF) 9 Page - STMicroelectronics

Part # CLP200M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP200M Datasheet(HTML) 9 Page - STMicroelectronics

Back Button CLP200M Datasheet HTML 5Page - STMicroelectronics CLP200M Datasheet HTML 6Page - STMicroelectronics CLP200M Datasheet HTML 7Page - STMicroelectronics CLP200M Datasheet HTML 8Page - STMicroelectronics CLP200M Datasheet HTML 9Page - STMicroelectronics CLP200M Datasheet HTML 10Page - STMicroelectronics CLP200M Datasheet HTML 11Page - STMicroelectronics CLP200M Datasheet HTML 12Page - STMicroelectronics CLP200M Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
CLP200M
9/21
TEST ACCEPTANCE
CRITERIA
NUMBER TO TESTS
2
A
10 for longitudinal A
10 for longitudinal B
and 10 for transversal
3a
A
5
3b
B
1
3
B
1 for each position of s
Table 1 : Acceptance criteria and number of tests.
10/700µs
GENERATOR
+/- 4kV
4
Ω
I
V
Rsense
Rp
TIPL
TIPS
GND
1/2 CLP200M
Fig. 13 : Lightning simulation test.
Fig. 14 : CLP200M response to a positive surge.
Fig. 15 : CLP200M response to a negative surge.
Fig. 16 : Power inductance test.
TEST
V(RMS)
R(
Ω)
Duration
3a
300
600
0.2s
3b
300
200
?
3.2. Ringing mode
3.2.1. Lightning simulation test
Lightning phenomena are the most common surge
causes. The purpose of this test is to check the ro-
bustness of the CLP200M against these lightning
strikes.
Figures 14 and 15 show that the remaining
overvoltage does not exceed +/- 260 V. The
CLP200M switches on within 0.7
µs and with-
stands the 100 A given by the CCITT K20 genera-
tor.
Consequently, the CLP200M totally fulfills this test.
3.2.2 Power induction
(Test 3a and 3b table 2/K20)
Surges of long duration with medium voltage value
are mainly produced by the proximity of a sub-
scriber line with an AC mains line or equipment.
The purpose of this test is to check the robustness
of the CLP200M against these capacitive coupling
disturbances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com