Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T37Y Datasheet(PDF) 12 Page - STMicroelectronics

Part # M48T37Y
Description  5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T37Y Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M48T37Y Datasheet HTML 8Page - STMicroelectronics M48T37Y Datasheet HTML 9Page - STMicroelectronics M48T37Y Datasheet HTML 10Page - STMicroelectronics M48T37Y Datasheet HTML 11Page - STMicroelectronics M48T37Y Datasheet HTML 12Page - STMicroelectronics M48T37Y Datasheet HTML 13Page - STMicroelectronics M48T37Y Datasheet HTML 14Page - STMicroelectronics M48T37Y Datasheet HTML 15Page - STMicroelectronics M48T37Y Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Clock operations
M48T37Y, M48T37V
12/30
Doc ID 7019 Rev 9
3
Clock operations
3.1
Reading the clock
Updates to the TIMEKEEPER® registers should be halted before clock data is read to
prevent reading data in transition. The BiPORT™ TIMEKEEPER cells in the RAM array are
only data registers and not the actual clock counters, so updating the registers can be halted
without disturbing the clock itself.
Updating is halted when a '1' is written to the READ bit, D6 in the control register 7FF8h. As
long as a '1' remains in that position, updating is halted. After a halt is issued, the registers
reflect the count; that is, the day, date, and the time that were current at the moment the halt
command was issued.
All of the TIMEKEEPER registers are updated simultaneously. A halt will not interrupt an
update in progress. Updating will resume within a second after the bit is reset to a '0.'
3.2
Setting the clock
Bit D7 of the control register (7FF8h) is the WRITE bit. Setting the WRITE bit to a '1,' like the
READ bit, halts updates to the TIMEKEEPER registers. The user can then load them with
the correct day, date, and time data in 24-hour BCD format (see Table 5 on page 13).
Resetting the WRITE bit to a '0' then transfers the values of all time registers (7FF1h,
7FF9h-7FFFh) to the actual TIMEKEEPER counters and allows normal operation to
resume. After the WRITE bit is reset, the next clock update will occur in approximately one
second.
Note:
Upon power-up following a power failure, both the WRITE bit and the READ bit will be reset
to '0.'
3.3
Stopping and starting the oscillator
The oscillator may be stopped at any time. If the device is going to spend a significant
amount of time on the shelf, the oscillator can be turned off to minimize current drain on the
battery. The STOP bit is the MSB of the seconds register. Setting it to a '1' stops the
oscillator. When reset to a '0,' the M48T37Y/V oscillator starts within one second.
Note:
It is not necessary to set the WRITE bit when setting or resetting the FREQUENCY TEST
bit (FT) or the STOP bit (ST).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com