Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T37Y Datasheet(PDF) 17 Page - STMicroelectronics

Part # M48T37Y
Description  5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T37Y Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M48T37Y Datasheet HTML 13Page - STMicroelectronics M48T37Y Datasheet HTML 14Page - STMicroelectronics M48T37Y Datasheet HTML 15Page - STMicroelectronics M48T37Y Datasheet HTML 16Page - STMicroelectronics M48T37Y Datasheet HTML 17Page - STMicroelectronics M48T37Y Datasheet HTML 18Page - STMicroelectronics M48T37Y Datasheet HTML 19Page - STMicroelectronics M48T37Y Datasheet HTML 20Page - STMicroelectronics M48T37Y Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
M48T37Y, M48T37V
Clock operations
Doc ID 7019 Rev 9
17/30
The watchdog timer is disabled by writing a value of 00000000 to the eight bits in the
watchdog register. Should the watchdog timer time out, a value of 00h needs to be written to
the watchdog register in order to clear the IRQ/FT pin.
The watchdog function is automatically disabled upon power-down and the watchdog
register is cleared. If the watchdog function is set to output to the IRQ/FT pin and the
frequency test function is activated, the watchdog or alarm function prevails and the
frequency test function is denied. The WDI pin should be connected to VSS if not used.
3.7
Power-on reset
The M48T37Y/V continuously monitors VCC. When VCC falls to the power fail detect trip
point, the RST pulls low (open drain) and remains low on power-up for tREC after VCC
passes VPFD. RST is valid for all VCC conditions. The RST pin is an open drain output and
an appropriate resistor to VCC should be chosen to control rise time (see Figure 13 on
page 22).
3.8
Programmable interrupts
The M48T37Y/V provides two programmable interrupts: an alarm and a watchdog. When an
interrupt condition occurs, the M48T37Y/V sets the appropriate flag bit in the flag register
7FF0h. The interrupt enable bits (AFE and ABE) in 7FF6h and the watchdog steering
(WDS) bit in 7FF7h allow the interrupt to activate the IRQ/FT pin.
The alarm flag and the IRQ/FT output are cleared by a READ to the flags register. An
interrupt condition reset will not occur unless the addresses are stable at the flag location for
at least 15 ns while the device is in the READ mode as shown in Figure 7 on page 14.
The IRQ/FT pin is an open drain output and requires a pull-up resistor (10 k
Ω
recommended) to VCC. The pin remains in the high impedance state unless an interrupt
occurs or the frequency test mode is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com