Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T37Y Datasheet(PDF) 27 Page - STMicroelectronics

Part # M48T37Y
Description  5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T37Y Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M48T37Y Datasheet HTML 22Page - STMicroelectronics M48T37Y Datasheet HTML 23Page - STMicroelectronics M48T37Y Datasheet HTML 24Page - STMicroelectronics M48T37Y Datasheet HTML 25Page - STMicroelectronics M48T37Y Datasheet HTML 26Page - STMicroelectronics M48T37Y Datasheet HTML 27Page - STMicroelectronics M48T37Y Datasheet HTML 28Page - STMicroelectronics M48T37Y Datasheet HTML 29Page - STMicroelectronics M48T37Y Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
M48T37Y, M48T37V
Part numbering
Doc ID 7019 Rev 9
27/30
7
Part numbering
Caution:
Do not place the SNAPHAT battery package “M4TXX-BR12SH” in conductive foam as it will
drain the lithium button-cell battery.
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.
Table 17.
Ordering information scheme
Example:
M48T
37Y
–70
MH
1
E
Device type
M48T
Supply voltage and write protect voltage
37Y = VCC = 4.5 to 5.5 V; VPFD = 4.2 to 4.5 V
37V = VCC = 3.0 to 3.6 V; VPFD = 2.7 to 3.0 V
Speed
–70 = 70 ns (37Y)
–10 = 100 ns (37V)
Package
MH(1) = SOH44
1.
The SOIC package (SOH44) requires the SNAPHAT® battery package which is ordered separately under
the part number “M4TXX-BR12SH” in plastic tube or “M4TXX-BR12SHTR” in tape & reel form (see
Table ).
Temperature range
1 = 0 to 70 °C
6 = –40 to 85 °C(2)
2.
Not recommended for new design. Contact ST sales office for availability.
Shipping method
blank = tubes (not for new design - use E)
E = ECOPACK® package, tubes
F = ECOPACK® package, tape & reel
TR = tape & reel (not for new design - use F)
Table 18.
SNAPHAT® battery table
Part number
Description
Package
M4T28-BR12SH
Lithium battery (48 mAh) SNAPHAT®
SH
M4T32-BR12SH
Lithium battery (120 mAh) SNAPHAT®
SH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com