Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T37Y Datasheet(PDF) 14 Page - STMicroelectronics

Part # M48T37Y
Description  5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T37Y Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M48T37Y Datasheet HTML 10Page - STMicroelectronics M48T37Y Datasheet HTML 11Page - STMicroelectronics M48T37Y Datasheet HTML 12Page - STMicroelectronics M48T37Y Datasheet HTML 13Page - STMicroelectronics M48T37Y Datasheet HTML 14Page - STMicroelectronics M48T37Y Datasheet HTML 15Page - STMicroelectronics M48T37Y Datasheet HTML 16Page - STMicroelectronics M48T37Y Datasheet HTML 17Page - STMicroelectronics M48T37Y Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Clock operations
M48T37Y, M48T37V
14/30
Doc ID 7019 Rev 9
3.4
Setting the alarm clock
Registers 7FF5h-7FF2h contain the alarm settings. The alarm can be configured to go off at
a predetermined time on a specific day of the month or repeat every day, hour, minute, or
second. It can also be programmed to go off while the M48T37Y/V is in the battery backup
mode of operation to serve as a system wake-up call.
RPT1-RPT4 put the alarm in the repeat mode of operation. Table 6 shows the possible
configurations. Codes not listed in the table default to the once per second mode to quickly
alert the user of an incorrect alarm setting.
Note:
User must transition address (or toggle chip enable) to see flag bit change.
When the clock information matches the alarm clock settings based on the match criteria
defined by RPT1-RPT4, AF is set. If AFE is also set, the alarm condition activates the
IRQ/FT pin. To disable alarm, write '0' to the alarm date registers and RPT1-4. The alarm
flag and the IRQ/FT output are cleared by a READ to the flags register as shown in Figure 7.
A subsequent READ of the flags register is necessary to see that the value of the alarm flag
has been reset to '0.'
The IRQ/FT pin can also be activated in the battery backup mode. The IRQ/FT will go low if
an alarm occurs and both the alarm in battery backup mode enable (ABE) and the AFE are
set. The ABE and AFE bits are reset during power-up, therefore an alarm generated during
power-up will only set AF. The user can read the flag register at system boot-up to
determine if an alarm was generated while the M48T37Y/V was in the deselect mode during
power-up. Figure 8 illustrates the backup mode alarm timing.
Figure 7.
Alarm interrupt reset waveform
Table 6.
Alarm repeat modes
RPT4
RPT3
RPT2
RPT1
Alarm activated
1
1
1
1
Once per second
1
1
1
0
Once per minute
1
1
0
0
Once per hour
1
0
0
0
Once per day
0
0
0
0
Once per month
AI01677B
A0-A14
ACTIVE FLAG BIT
ADDRESS 7FF0h
IRQ/FT
15ns Min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com