Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T37Y Datasheet(PDF) 29 Page - STMicroelectronics

Part # M48T37Y
Description  5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T37Y Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M48T37Y Datasheet HTML 22Page - STMicroelectronics M48T37Y Datasheet HTML 23Page - STMicroelectronics M48T37Y Datasheet HTML 24Page - STMicroelectronics M48T37Y Datasheet HTML 25Page - STMicroelectronics M48T37Y Datasheet HTML 26Page - STMicroelectronics M48T37Y Datasheet HTML 27Page - STMicroelectronics M48T37Y Datasheet HTML 28Page - STMicroelectronics M48T37Y Datasheet HTML 29Page - STMicroelectronics M48T37Y Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
M48T37Y, M48T37V
Revision history
Doc ID 7019 Rev 9
29/30
9
Revision history
Table 19.
Document revision history
Date
Revision
Changes
Dec-1999
1
First issue
07-Feb-2000
2
From preliminary data to datasheet; battery low flag paragraph
changed; 100 ns speed class identifier changed (Table , 4)
11-Jul-2000
2.1
tFB changed (Table ); watchdog timer paragraph changed
19-Jun-2001
3
Reformatted; added temp./voltage info. to tables (Table 10, 11, , 4, , )
06-Aug-2001
3.1
Fix text for setting the alarm clock (Figure 7)
15-Jan-2002
3.2
Fix footnote numbering (Table )
20-May-2002
3.3
Modify reflow time and temperature footnote (Table 8)
31-Mar-2003
4
v2.2 template applied; data retention condition updated (Table )
01-Apr-2004
5
Reformatted; updated with lead-free package information (Table 8, )
08-Feb-2006
6
New template; updated lead-free text; fixed DC characteristics (Table 8,
11, )
03-Aug-2007
7
Reformatted; added lead-free second level interconnect information to
cover page and Section 6: Package mechanical data.
24-Mar-2009
8
Updated Table 8; Section 6: Package mechanical data; added
Section 8: Environmental information; minor reformatting.
02-Aug-2010
9
Updated Features, Section 4, Table 17; reformatted document; minor
textual changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com