Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T37Y Datasheet(PDF) 23 Page - STMicroelectronics

Part # M48T37Y
Description  5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T37Y Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M48T37Y Datasheet HTML 19Page - STMicroelectronics M48T37Y Datasheet HTML 20Page - STMicroelectronics M48T37Y Datasheet HTML 21Page - STMicroelectronics M48T37Y Datasheet HTML 22Page - STMicroelectronics M48T37Y Datasheet HTML 23Page - STMicroelectronics M48T37Y Datasheet HTML 24Page - STMicroelectronics M48T37Y Datasheet HTML 25Page - STMicroelectronics M48T37Y Datasheet HTML 26Page - STMicroelectronics M48T37Y Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
M48T37Y, M48T37V
DC and AC parameters
Doc ID 7019 Rev 9
23/30
Note:
All voltages referenced to VSS.
Table 12.
Power down/up AC characteristics
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70 °C or –40 to 85 °C; VCC = 4.5 to 5.5 V or 3.0 to 3.6 V
(except where noted).
Min
Max
Unit
tF
(2)
2.
VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring
until 200 µs after VCC passes VPFD (min).
VPFD (max) to VPFD (min) VCC fall time
300
µs
tFB
(3)
3.
VPFD (min) to VSS fall time of less than tFB may cause corruption of RAM data
VPFD (min) to VSS VCC fall time
10
µs
tR
VPFD (min) to VPFD (max) VCC rise time
10
µs
tRB
VSS to VPFD (min) VCC rise time
1
µs
tREC
(4)
4.
tREC (min) = 20 ms for industrial temperature range - grade 6 device.
VPFD (max) to RST high
40
200
ms
Table 13.
Power down/up trip points DC characteristics
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70 °C or –40 to 85 °C; VCC = 4.5 to 5.5 V or 3.0 to 3.6 V
(except where noted).
Min
Typ
Max
Unit
VPFD
Power-fail deselect voltage
M48T37Y
4.2
4.4
4.5
V
M48T37V
2.7
2.9
3.0
V
VSO
Battery backup switchover voltage
M48T37Y
VBAT
V
M48T37V
VPFD –100 mV
V
tDR
(2)
2.
At 25 °C, VCC = 0 V.
Expected data retention time
Grade 1
5
7
Years
Grade 6
10(3)
3.
Using larger M4T32-BR12SH6 SNAPHAT® top (recommended for industrial temperature range - grade 6
device).
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com