Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T37Y Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48T37Y
Description  5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T37Y Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48T37Y Datasheet HTML 9Page - STMicroelectronics M48T37Y Datasheet HTML 10Page - STMicroelectronics M48T37Y Datasheet HTML 11Page - STMicroelectronics M48T37Y Datasheet HTML 12Page - STMicroelectronics M48T37Y Datasheet HTML 13Page - STMicroelectronics M48T37Y Datasheet HTML 14Page - STMicroelectronics M48T37Y Datasheet HTML 15Page - STMicroelectronics M48T37Y Datasheet HTML 16Page - STMicroelectronics M48T37Y Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
M48T37Y, M48T37V
Clock operations
Doc ID 7019 Rev 9
13/30
Table 5.
Register map
Keys:
S = Sign bit
FT = Frequency test bit
R = READ bit
W = WRITE bit
ST = Stop bit
0 = Must be set to '0'
BL = Battery low flag (read only)
BMB0-BMB4 = Watchdog multiplier bits
AFE = Alarm flag enable flag
RB0-RB1 = Watchdog resolution bits
WDS = Watchdog steering bit
ABE = Alarm in battery backup mode enable bit
RPT1-RPT4 = Alarm repeat mode bits
WDF = Watchdog flag (read only)
AF = Alarm flag (read only)
Z = '0' and are read only
Address
Data
Function/range
BCD format
D7
D6
D5
D4
D3
D2
D1
D0
7FFFh
10 years
Year
Year
00-99
7FFEh
0
0
0
10 M
Month
Month
01-12
7FFDh
0
0
10 date
Date: Day of month
Date
01-31
7FFCh
0
FT
0
0
0
Day of week
Day
01-7
7FFBh
0
0
10 hours
Hours
Hours
00-23
7FFAh
0
10 minutes
Minutes
Min
00-59
7FF9h
ST
10 seconds
Seconds
Sec
00-59
7FF8h
W
R
S
Calibration
Control
7FF7h
WDS
BMB4
BMB3
BMB2
BMB1 BMB0
RB1
RB0
Watchdog
7FF6h
AFE
0
ABE
0
0
0
0
0
Interrupts
7FF5h
RPT4
0
AIarm 10 date
Alarm date
Alarm date
01-31
7FF4h
RPT3
0
AIarm 10 hours
Alarm hours
Alarm hour
00-23
7FF3h
RPT2
Alarm 10 minutes
Alarm minutes
Alarm min
00-59
7FF2h
RPT1
Alarm 10 seconds
Alarm seconds
Alarm sec
00-59
7FF1h
1000 year
100 year
Century
00-99
7FF0h
WDF
AF
Z
BL
Z
Z
Z
Z
Flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com