Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

335 Datasheet(PDF) 67 Page - Intel Corporation

Part # 335
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

335 Datasheet(HTML) 67 Page - Intel Corporation

Back Button 335 Datasheet HTML 63Page - Intel Corporation 335 Datasheet HTML 64Page - Intel Corporation 335 Datasheet HTML 65Page - Intel Corporation 335 Datasheet HTML 66Page - Intel Corporation 335 Datasheet HTML 67Page - Intel Corporation 335 Datasheet HTML 68Page - Intel Corporation 335 Datasheet HTML 69Page - Intel Corporation 335 Datasheet HTML 70Page - Intel Corporation 335 Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
Datasheet
67
Thermal Specifications and Design Considerations
5.2.5
TCONTROL and Fan Speed Reduction (Optional)
TCONTROL and Fan Speed Reduction are not requirements for the Celeron D processor on 90 nm
process and in the 478-pin package, but are provided as options for platforms that can use these
features. TCONTROL is part of the temperature specification that defines temperature for system fan
speed management. The BIOS reads the TCONTROL value once and configures the fan control chip
appropriately. The value for TCONTROL will be set during manufacturing and is unique for each
processor. The TCONTROL temperature for a given processor can be obtained by reading the
IA32_TEMPERATURE_TARGET MSR in the processor and is in hexadecimal format.
The value of TCONTROL (read from IA32_TEMPERATURE_TARGET MSR) can vary from 00 h
to 1E h (0 to 30 °C). The TCONTROL read from the IA32_TEMPERATURE_TARGET MSR needs
to be added to a base value of 50 °C to get the final value for comparison with Thermal Diode
temperature (TDIODE). TCONTROL plus the base value of 50 °C is compared to the temperature
reported by TDIODE. When the TDIODE temperature is below TCONTROL, fan speed can be at
minimum. As TDIODE approaches TCONTROL plus the base value of 50 °C, fan speed should be
increased in an effort to maintain TDIODE at/below TCONTROL plus the base value of 50 °C. For
platforms that support this feature, the processor TC-MAX specification must be within guidelines,
as defined by the processor thermal specifications in Table 5-1. For 845G/x chipset platforms that
were not designed to read IA32_TEMPERATURE_TARGET MSR, the processor must be kept
within the TC-MAX specification.
5.2.6
Thermal Diode
The processor incorporates an on-die thermal diode. A thermal sensor located on the system board
may monitor the die temperature of the processor for thermal management/long term die
temperature change purposes. Table 5-2 and Table 5-3 provide the diode parameter and interface
specifications. This thermal diode is separate from the Thermal Monitor’s thermal sensor and
cannot be used to predict the behavior of the Thermal Monitor.
Table 5-2. Thermal Diode Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Notes
IFW
Forward Bias Current
11
—
187
uA
1
NOTES:
1.
Intel does not support or recommend operation of the thermal diode under reverse bias.
n
Diode Ideality Factor
1.0083
1.011
1.0137
—
2,3,4
2.
Characterized at 75 °C.
3.
Not 100% tested. Specified by design characterization.
4.
The ideality factor, n, represents the deviation from ideal diode behavior as exemplified by the diode equation:
IFW = IS * (e
qVD/nkT –1)
where IS = saturation current, q = electronic charge, VD = voltage across the diode, k = Boltzmann Constant,
and T = absolute temperature (Kelvin).
RT
Series Resistance
3.242
3.33
3.594
Ω
2,3,5
5.
The series resistance, RT, is provided to allow for a more accurate measurement of the junction temperature. RT, as defined,
includes the pins of the processor but does not include any socket resistance or board trace resistance between the socket
and the external remote diode thermal sensor. RT can be used by remote diode thermal sensors with automatic series re-
sistance cancellation to calibrate out this error term. Another application is that a temperature offset can be manually calcu-
lated and programmed into an offset register in the remote diode thermal sensors as exemplified by the equation:
Terror = [RT * (N-1) * IFWmin] / [nk/q * ln N]
where Terror = sensor temperature error, N = sensor current ratio, k = Boltzmann Constant, q = electronic
charge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com