Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

335 Datasheet(PDF) 19 Page - Intel Corporation

Part # 335
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

335 Datasheet(HTML) 19 Page - Intel Corporation

Back Button 335 Datasheet HTML 15Page - Intel Corporation 335 Datasheet HTML 16Page - Intel Corporation 335 Datasheet HTML 17Page - Intel Corporation 335 Datasheet HTML 18Page - Intel Corporation 335 Datasheet HTML 19Page - Intel Corporation 335 Datasheet HTML 20Page - Intel Corporation 335 Datasheet HTML 21Page - Intel Corporation 335 Datasheet HTML 22Page - Intel Corporation 335 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
Datasheet
19
Electrical Specifications
2.5
Reserved, Unused, and TESTHI Pins
All RESERVED pins must remain unconnected. Connection of these pins to VCC, VSS, or to any
other signal (including each other) can result in component malfunction or incompatibility with
future processors. See Chapter 4 for a pin listing of the processor and the location of all
RESERVED pins.
For reliable operation, always connect unused inputs or bidirectional signals to an appropriate
signal level. In a system-level design, on-die termination has been included on the Celeron D
processor to allow signals to be terminated within the processor silicon. Most unused GTL+ inputs
should be left as no connects, as GTL+ termination is provided on the processor silicon. However,
see Table 2-4 for details on GTL+ signals that do not include on-die termination. Unused active
high inputs should be connected through a resistor to ground (VSS). Unused outputs can be left
unconnected; however, this may interfere with some test access port (TAP) functions, complicate
debug probing, and prevent boundary scan testing. A resistor must be used when tying
bidirectional signals to power or ground. When tying any signal to power or ground, a resistor will
also allow for system testability. For unused GTL+ input or I/O signals, use pull-up resistors of the
same value as the on-die termination resistors (RTT). See Table 2-18.
TAP, Asynchronous GTL+ inputs, and Asynchronous GTL+ outputs do not include on-die
termination. Inputs and used outputs must be terminated on the system board. Unused outputs may
be terminated on the system board or left unconnected. Note that leaving unused outputs
unterminated may interfere with some TAP functions, complicate debug probing, and prevent
boundary scan testing.
The TESTHI pins must be tied to the processor VCC using a matched resistor, where a matched
resistor has a resistance value within ±20% of the impedance of the board transmission line traces.
For example, if the trace impedance is 60
Ω, then a value between 48 Ω and 72 Ω is required.
The TESTHI pins may use individual pull-up resistors or be grouped together as detailed below. A
matched resistor must be used for each group:
• TESTHI[1:0]
• TESTHI[7:2]
• TESTHI8 – cannot be grouped with other TESTHI signals
• TESTHI9 – cannot be grouped with other TESTHI signals
• TESTHI10 – cannot be grouped with other TESTHI signals
• TESTHI11 – cannot be grouped with other TESTHI signals
• TESTHI12 – cannot be grouped with other TESTHI signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com