Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

335 Datasheet(PDF) 28 Page - Intel Corporation

Part # 335
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

335 Datasheet(HTML) 28 Page - Intel Corporation

Back Button 335 Datasheet HTML 24Page - Intel Corporation 335 Datasheet HTML 25Page - Intel Corporation 335 Datasheet HTML 26Page - Intel Corporation 335 Datasheet HTML 27Page - Intel Corporation 335 Datasheet HTML 28Page - Intel Corporation 335 Datasheet HTML 29Page - Intel Corporation 335 Datasheet HTML 30Page - Intel Corporation 335 Datasheet HTML 31Page - Intel Corporation 335 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
28
Datasheet
Electrical Specifications
2.12
VCC Overshoot Specification
The Celeron D processor can tolerate short transient overshoot events where VCC exceeds the VID
voltage when transitioning from a high to low current load condition. This overshoot cannot exceed
VID + VOS_MAX (VOS_MAX is the maximum allowable overshoot voltage). The time duration of
the overshoot event must not exceed TOS_MAX (TOS_MAX is the maximum allowable time duration
above VID). These specifications apply to the processor die voltage as measured across the
VCC_SENSE and VSS_SENSE pins.
Table 2-15. BSEL [1:0] and VID[5:0] DC Specifications
Symbol
Parameter
Max
Unit
Notes1
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
Ron (BSEL) Buffer On Resistance
60
Ω
2
2.
These parameters are not tested and are based on design simulations.
Ron (VID)
Buffer On Resistance
60
Ω
2
IOL
Max Pin Current
8
mA
ILO
Output Leakage Current
200
µA
3
3.
Leakage to VSS with pin held at 2.5 V.
VTOL
Voltage Tolerance
3.3 + 5%
V
Table 2-16. BOOTSELECT DC Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes1
NOTES:
1.
These parameters are not tested and are based on design simulations.
VIL
Input Low Voltage
—
—
0.2 * VCCVID
V
VIH
Input High Voltage
0.8 * VCCVID
—
—
V
Table 2-17. VCC Overshoot Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Figure
Notes
VOS_MAX
Magnitude of VCC overshoot
above VID
—
—
0.050
V
2-3
TOS_MAX
Time duration of VCC
overshoot above VID
——
25
µs
2-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com