Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

335 Datasheet(PDF) 77 Page - Intel Corporation

Part # 335
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

335 Datasheet(HTML) 77 Page - Intel Corporation

Back Button 335 Datasheet HTML 73Page - Intel Corporation 335 Datasheet HTML 74Page - Intel Corporation 335 Datasheet HTML 75Page - Intel Corporation 335 Datasheet HTML 76Page - Intel Corporation 335 Datasheet HTML 77Page - Intel Corporation 335 Datasheet HTML 78Page - Intel Corporation 335 Datasheet HTML 79Page - Intel Corporation 335 Datasheet HTML 80Page - Intel Corporation 335 Datasheet HTML 81Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 82 page
background image
Datasheet
77
Boxed Processor Specifications
7.3
Thermal Specifications
This section describes the cooling requirements of the fan heatsink solution used by the boxed
processor.
7.3.1
Boxed Processor Cooling Requirements
The boxed processor may be directly cooled with a fan heatsink. However, meeting the processor's
temperature specification is also a function of the thermal design of the entire system, and
ultimately the responsibility of the system integrator. The processor temperature specification is
found in Chapter 5 of this document. The boxed processor fan heatsink is able to keep the
processor temperature within the specifications (see Table 5-1) in chassis that provide good
thermal management. For the boxed processor fan heatsink to operate properly, it is critical that the
airflow provided to the fan heatsink is unimpeded. Airflow of the fan heatsink is into the center and
out of the sides of the fan heatsink. Airspace is required around the fan to ensure that the airflow
through the fan heatsink is not blocked. Blocking the airflow to the fan heatsink reduces the
cooling efficiency and decreases fan life. Figure 7-6 and Figure 7-7 illustrate an acceptable
airspace clearance for the fan heatsink. The air temperature entering the fan is required to be at or
below 38 °C. Again, meeting the processor's temperature specification is the responsibility of the
system integrator.
Figure 7-5. Baseboard Power Header Placement Relative to Processor Socket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com