Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

335 Datasheet(PDF) 9 Page - Intel Corporation

Part # 335
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

335 Datasheet(HTML) 9 Page - Intel Corporation

Back Button 335 Datasheet HTML 5Page - Intel Corporation 335 Datasheet HTML 6Page - Intel Corporation 335 Datasheet HTML 7Page - Intel Corporation 335 Datasheet HTML 8Page - Intel Corporation 335 Datasheet HTML 9Page - Intel Corporation 335 Datasheet HTML 10Page - Intel Corporation 335 Datasheet HTML 11Page - Intel Corporation 335 Datasheet HTML 12Page - Intel Corporation 335 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
Datasheet
9
Intel® Celeron® D Processor 3xx Sequence
Features
The Intel
® Celeron® D processor family expands Intel’s processor family into the value-priced PC
market segment. Celeron D processors provide the value that offers the customer the capability to
affordably get onto the Internet, and use educational programs, home-office software, and
productivity applications. All of the Celeron D processors include an integrated L2 cache, and are
built on Intel’s advanced CMOS process technology. The Celeron D processor is backed by over
30 years of Intel experience in manufacturing high-quality, reliable microprocessors.
§
T Available at 3.20 GHz, 3.06 GHz,
2.93 GHz, 2.80 GHz, 2.66 GHz, 2.53 GHz,
and 2.40 GHz
T Binary compatible with applications
running on previous members of the Intel
microprocessor line
T FSB frequencies at 533 MHz
T Hyper-Pipelined Technology
— Advance Dynamic Execution
— Very deep out-of-order execution
T Enhanced branch prediction
T Optimized for 32-bit applications running
on advanced 32-bit operating systems
T 478-Pin Package
T 16-KB Level 1 data cache
T 256-KB Advanced Transfer Cache (on-die,
full-speed Level 2 (L2) cache) with 4-way
associativity and Error Correcting Code
(ECC)
T 144 Streaming SIMD Extensions 2 (SSE2)
instructions
T 13 Streaming SIMD Extensions 3 (SSE3)
instructions
T Power Management capabilities
— System Management mode
— Multiple low-power states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com