Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

335 Datasheet(PDF) 43 Page - Intel Corporation

Part # 335
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

335 Datasheet(HTML) 43 Page - Intel Corporation

Back Button 335 Datasheet HTML 39Page - Intel Corporation 335 Datasheet HTML 40Page - Intel Corporation 335 Datasheet HTML 41Page - Intel Corporation 335 Datasheet HTML 42Page - Intel Corporation 335 Datasheet HTML 43Page - Intel Corporation 335 Datasheet HTML 44Page - Intel Corporation 335 Datasheet HTML 45Page - Intel Corporation 335 Datasheet HTML 46Page - Intel Corporation 335 Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
Pin Listing and Signal Descriptions
Datasheet
43
D26#
H24
Source Synch
Input/Output
D27#
M21
Source Synch
Input/Output
D28#
L22
Source Synch
Input/Output
D29#
J24
Source Synch
Input/Output
D30#
K23
Source Synch
Input/Output
D31#
H25
Source Synch
Input/Output
D32#
M23
Source Synch
Input/Output
D33#
N22
Source Synch
Input/Output
D34#
P21
Source Synch
Input/Output
D35#
M24
Source Synch
Input/Output
D36#
N23
Source Synch
Input/Output
D37#
M26
Source Synch
Input/Output
D38#
N26
Source Synch
Input/Output
D39#
N25
Source Synch
Input/Output
D40#
R21
Source Synch
Input/Output
D41#
P24
Source Synch
Input/Output
D42#
R25
Source Synch
Input/Output
D43#
R24
Source Synch
Input/Output
D44#
T26
Source Synch
Input/Output
D45#
T25
Source Synch
Input/Output
D46#
T22
Source Synch
Input/Output
D47#
T23
Source Synch
Input/Output
D48#
U26
Source Synch
Input/Output
D49#
U24
Source Synch
Input/Output
D50#
U23
Source Synch
Input/Output
D51#
V25
Source Synch
Input/Output
D52#
U21
Source Synch
Input/Output
D53#
V22
Source Synch
Input/Output
D54#
V24
Source Synch
Input/Output
D55#
W26
Source Synch
Input/Output
D56#
Y26
Source Synch
Input/Output
D57#
W25
Source Synch
Input/Output
D58#
Y23
Source Synch
Input/Output
D59#
Y24
Source Synch
Input/Output
D60#
Y21
Source Synch
Input/Output
D61#
AA25
Source Synch
Input/Output
D62#
AA22
Source Synch
Input/Output
D63#
AA24
Source Synch
Input/Output
DBI0#
E21
Source Synch
Input/Output
DBI1#
G25
Source Synch
Input/Output
DBI2#
P26
Source Synch
Input/Output
Table 4-1. Alphabetical Pin Assignment
Pin Name
Pin #
Signal Buffer
Type
Direction
DBI3#
V21
Source Synch
Input/Output
DBR#
AE25
Power/Other
Output
DBSY#
H5
Common Clock
Input/Output
DEFER#
E2
Common Clock
Input
DP0#
J26
Common Clock
Input/Output
DP1#
K25
Common Clock
Input/Output
DP2#
K26
Common Clock
Input/Output
DP3#
L25
Common Clock
Input/Output
DRDY#
H2
Common Clock
Input/Output
DSTBN0#
E22
Source Synch
Input/Output
DSTBN1#
K22
Source Synch
Input/Output
DSTBN2#
R22
Source Synch
Input/Output
DSTBN3#
W22
Source Synch
Input/Output
DSTBP0#
F21
Source Synch
Input/Output
DSTBP1#
J23
Source Synch
Input/Output
DSTBP2#
P23
Source Synch
Input/Output
DSTBP3#
W23
Source Synch
Input/Output
FERR#/PBE#
B6
Asynch AGL+
Output
GTLREF
AA21
Power/Other
Input
GTLREF
AA6
Power/Other
Input
GTLREF
F20
Power/Other
Input
GTLREF
F6
Power/Other
Input
HIT#
F3
Common Clock
Input/Output
HITM#
E3
Common Clock
Input/Output
IERR#
AC3
Asynch GTL+
Output
IGNNE#
B2
Asynch GTL+
Input
INIT#
W5
Asynch GTL+
Input
ITP_CLK0
AC26
TAP
Input
ITP_CLK1
AD26
TAP
Input
LINT0
D1
Asynch GTL+
Input
LINT1
E5
Asynch GTL+
Input
LOCK#
G4
Common Clock
Input/Output
MCERR#
V6
Common Clock
Input/Output
OPTIMIZED/
COMPAT#
AE26
Power/Other
Input
PROCHOT#
C3
Asynch GTL+
Input/Output
PWRGOOD
AB23
Power/Other
Input
REQ0#
J1
Source Synch
Input/Output
REQ1#
K5
Source Synch
Input/Output
REQ2#
J4
Source Synch
Input/Output
REQ3#
J3
Source Synch
Input/Output
REQ4#
H3
Source Synch
Input/Output
Table 4-1. Alphabetical Pin Assignment
Pin Name
Pin #
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com