Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

335 Datasheet(PDF) 22 Page - Intel Corporation

Part # 335
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

335 Datasheet(HTML) 22 Page - Intel Corporation

Back Button 335 Datasheet HTML 18Page - Intel Corporation 335 Datasheet HTML 19Page - Intel Corporation 335 Datasheet HTML 20Page - Intel Corporation 335 Datasheet HTML 21Page - Intel Corporation 335 Datasheet HTML 22Page - Intel Corporation 335 Datasheet HTML 23Page - Intel Corporation 335 Datasheet HTML 24Page - Intel Corporation 335 Datasheet HTML 25Page - Intel Corporation 335 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 82 page
background image
22
Datasheet
Electrical Specifications
2.9
FSB Frequency Select Signals (BSEL[1:0])
The BSEL[1:0] signals are used to select the frequency of the processor input clock (BCLK[1:0]).
Table 2-6 defines the possible combinations of the signals and the frequency associated with each
combination. The required frequency is determined by the processor, chipset, and clock
synthesizer. All agents must operate at the same frequency.
The Celeron D processor currently operates at a 533 MHz FSB frequency (selected by a 133 MHz
BCLK[1:0] frequency). Individual processors will only operate at their specified FSB frequency.
For more information about these pins, refer to Section 4.2.
2.10
Absolute Maximum and Minimum Ratings
Table 2-7 specifies absolute maximum and minimum ratings. Within functional operation limits,
functionality and long-term reliability can be expected.
At conditions outside functional operation condition limits, but within absolute maximum and
minimum ratings, neither functionality nor long-term reliability can be expected. If a device is
returned to conditions within functional operation limits after having been subjected to conditions
outside these limits, but within the absolute maximum and minimum ratings, the device may be
functional, but with its lifetime degraded depending on exposure to conditions exceeding the
functional operation condition limits.
At conditions exceeding absolute maximum and minimum ratings, neither functionality nor long-
term reliability can be expected. Moreover, if a device is subjected to these conditions for any
length of time then, when returned to conditions within the functional operating condition limits, it
will either not function, or its reliability will be severely degraded.
Although the processor contains protective circuitry to resist damage from static electric discharge,
precautions should always be taken to avoid high static voltages or electric fields.
Table 2-6. BSEL[1:0] Frequency Table for BCLK[1:0]
BSEL1
BSEL0
Function
L
H
133 MHz
Table 2-7. Processor DC Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Notes
VCC
Core voltage with respect to VSS
- 0.3
1.55
V
1
NOTES:
1.
For functional operation, all processor electrical, signal quality, mechanical and thermal specifications must
be satisfied.
VTT
FSB termination voltage with respect to VSS
- 0.3
1.55
V
1
TC
Processor case temperature
See
Chapter 5
See
Chapter 5
°C
2, 3
2.
Storage temperature is applicable to storage conditions only. In this scenario, the processor must not receive
a clock, and no lands can be connected to a voltage bias. Storage within these limits will not affect the long-
term reliability of the device. For functional operation, refer to the processor case temperature specifications.
3.
This rating applies to the processor and does not include any tray or packaging.
TSTORAGE
Processor storage temperature
–40
+85
°C
2, 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com