Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6131 Datasheet(PDF) 11 Page - ON Semiconductor

Part # FS6131
Description  Programmable Line Lock Clock Generator IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6131 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FS6131 Datasheet HTML 7Page - ON Semiconductor FS6131 Datasheet HTML 8Page - ON Semiconductor FS6131 Datasheet HTML 9Page - ON Semiconductor FS6131 Datasheet HTML 10Page - ON Semiconductor FS6131 Datasheet HTML 11Page - ON Semiconductor FS6131 Datasheet HTML 12Page - ON Semiconductor FS6131 Datasheet HTML 13Page - ON Semiconductor FS6131 Datasheet HTML 14Page - ON Semiconductor FS6131 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
FS6131
4.5 Crystal Loop
The crystal loop is designed to attenuate the jitter on a highly jittered, low-Q, low frequency reference. The crystal loop can also
maintain a constant frequency output into the main loop if the low frequency reference is intermittent.
The crystal loop consists of a voltage-controllable crystal oscillator (VCXO), a divider, a PFD, and a charge pump that tunes the VCXO
to a frequency reference. The frequency reference is phase-locked to the divided frequency of an external, high-Q, jitter-free crystal,
thereby locking the VCXO to the reference frequency. The VCXO can continue to run off the crystal even if the frequency reference
becomes intermittent.
4.5.1. Locking to an External Frequency Source
When the crystal loop is synchronized to an external frequency source, the FS6131 can monitor the crystal loop and detect if the loop
unlocks from the external source. The crystal loop tries to drive to zero frequency if the external source is dropped, and sets a lock
status error flag.
The crystal loop can also detect if the VCXO has dropped out of the fine tune range, requiring a change to the coarse tune. The lock
status also latches the direction the loop went out of range (high or low) when the loop became unlocked.
4.5.1.1 Crystal Loop Lock Status Flag
To enable this mode, clear the STAT[1] and STAT[0] bits to zero. If the CMOS bit is set to one, the LOCK/IPRG pin will be low if the
crystal loop becomes unlocked. The flag is always available under software control by reading back the STAT[1] bit, which is
overwritten with the status flag (low = unlocked) in this mode (see Table 6).
4.5.1.2 Out-Of-Range High/Low
The direction the loop has gone out-of-range can be determined by clearing STAT[1] to zero and setting STAT[0] bit to one. If the
CMOS bit is set to one, the LOCK/IPRG pin will go high if the crystal loop went out of range high. If the pin goes to a logic-low, the loop
went out of range low.
The out-of-range information is also available under software control by reading back the STAT[1] bit, which is overwritten by the flag
(high = outof-range high, low = out-of-range low) in this mode. The bit is set or cleared only if the crystal loop loses lock (see Table 6).
4.5.1.3 Crystal Loop Disable
The crystal loop is disabled by setting the XLPDEN bit to a logic-high (1). The bit disables the charge pump circuit in the loop.
Setting the XLPDEN bit low (0) permits the crystal loop to operate as a control loop.
4.6 Connecting the FS6131 to an External Reference Frequency
If a crystal oscillator is not used, tie XIN to ground and shut down the crystal oscillator by setting XLROM[2:0]=1.
The REF and FBK pins do not have pull-up or pull-down current, but do have a small amount of hysteresis to reduce the possibility of
extra edges. Signals may be AC-coupled into these inputs with an external DC-bias circuit to generate a DC-bias of 2.5V. Any
reference or feedback signal should be square for best results, and the signals should be rail-to-rail. Unused inputs should be grounded
to avoid unwanted signal injection.
4.7 Differential Output Stage
The differential output stage supports both CMOS and pseudo-ECL (PECL) signals. The desired output interface is chosen via the
program registers (see Table 4).
If a PECL interface is used, the transmission line is usually terminated using a Thévenin termination. The output stage can only sink
current in the PECL mode, and the amount of sink current is set by a programming resistor on the LOCK/IPRG pin. The ratio of IPRG
current to output drive current is shown in Figure 12. Source current is provided by the pull-up resistor that is part of the Thévenin
termination.
Rev. 4 | Page 11 of 44 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com